Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C3216 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS6C3216
Description  32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C3216 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS6C3216 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AS6C3216
Rev. 1.0
32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
Alliance Memory, Inc.
9
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCC for Data Retention
VDR
CE#
≧VCC - 0.2V or CE2≦0.2V
1.2
-
3.6
V
Data Retention Current
IDR
VCC = 1.2V
CE#
≧VCC-0.2V or CE2≦0.2V
other pins at 0.2V or VCC-0.2V
-SL
-
8
80
µA
-SLI
-
8
120
µA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Low Vcc Data Retention Waveform (1) (CE# controlled)
Vcc
CE#
VDR ¡Ù 1.2V
CE# ¡Ù Vcc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)
Low Vcc Data Retention Waveform (2) (CE2 controlled)
Vcc
CE2
VDR ¡Ù 1.2V
CE2 ¡Ø 0.2V
Vcc(min.)
VIL
tR
tCDR
VIL
Vcc(min.)
Low Vcc Data Retention Waveform (3) (LB#, UB# controlled)
Vcc
LB#,UB#
VDR ¡Ù 1.2V
LB#,UB# ¡Ù Vcc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com