Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8783GED/V Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8783GED/V
Description  Stereo Low Power 96kHz ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8783GED/V Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8783GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 17Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
WM8783
Production Data
w
PD, August 2010, Rev 4.0
14
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
AUDIO INPUT PATHS
The WM8783 provides 2 analogue audio inputs. Each of these inputs is referenced to the internal DC
reference, VMID. A DC blocking capacitor is required for each input pin. The choice of capacitor is
determined by the filter that is formed between that capacitor and the input impedance of the input
pin. The circuit is illustrated in Figure 9.
Figure 9 Audio Input Path DC Blocking Capacitor
The input impedance is noted in the “Electrical Characteristics”. It is recommended that an input
capacitor is selected such that the Fc cut-off frequency is less than 20Hz.
It is recommended that a 1
μF capacitance is used for all WM8783 input connections. Tantalum
electrolytic capacitors are particularly suitable as they offer high stability in a small package size.
See Wolfson Applications Note WAN_0176 for further guidance on the choice of capacitor types.
POWER SUPPLY DECOUPLING
Electrical coupling exists particularly in digital logic systems where switching in one sub-system
causes fluctuations on the power supply. This effect occurs because the inductance of the power
supply acts in opposition to the changes in current flow that are caused by the logic switching. The
resultant variations (or ‘spikes’) in the power supply voltage can cause malfunctions and
unintentional behavior in other components. A decoupling (or ‘bypass’) capacitor can be used as an
energy storage component which will provide power to the decoupled circuit for the duration of these
power supply variations, protecting it from malfunctions that could otherwise arise.
Coupling also occurs in a lower frequency form when ripple is present on the power supply rail
caused by changes in the load current or by limitations of the power supply regulation method. In
audio components such as the WM8783, these variations can alter the performance of the signal
path, leading to degradation in signal quality. A decoupling (or ‘bypass’) capacitor can be used to
filter these effects, by presenting the ripple voltage with a low impedance path that does not affect
the circuit to be decoupled.
These coupling effects are addressed by placing a capacitor between the supply rail and the
corresponding ground reference. In the case of systems comprising multiple power supply rails,
decoupling should be provided on each rail.
The recommended power supply decoupling capacitors for WM8783 are listed below in Table 2.
POWER SUPPLY
DECOUPLING CAPACITOR
AVDD
4.7
μF ceramic
VMIDC
4.7
μF ceramic
Table 2 Power Supply Decoupling Capacitors
All decoupling capacitors should be placed as close as possible to the WM8783 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com