Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8903CLGEFK/R Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8903CLGEFK/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903CLGEFK/R Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8903CLGEFK/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8903CLGEFK/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8903CLGEFK/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8903CLGEFK/R Datasheet HTML 94Page - Wolfson Microelectronics plc WM8903CLGEFK/R Datasheet HTML 95Page - Wolfson Microelectronics plc WM8903CLGEFK/R Datasheet HTML 96Page - Wolfson Microelectronics plc WM8903CLGEFK/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8903CLGEFK/R Datasheet HTML 98Page - Wolfson Microelectronics plc WM8903CLGEFK/R Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
95
Note: When the digital sidetone is enabled, ADC data will continue to be added to DAC data when
loopback is enabled.
CLOCKING AND SAMPLE RATES
The WM8903 supports a wide range of standard audio sample rates from 8kHz to 96kHz. When the
DAC and ADC are both enabled, they operate at the same sample rate, fs. Oversample rates of 64fs
or 128fs are supported (based on a 48kHz sample rate).
Note that simultaneous ADC and DAC operation at 88.2kHz or 96kHz is not possible. Digital
microphone operation is not supported at 88.2kHz or 96kHz sample rates. The clocking options for
88.2kHz or 96kHz ADC operation are restricted to specific configurations only, as detailed in this
section.
The internal clocks for the WM8903 are all derived from a common internal clock source, CLK_SYS.
This clock is the reference for the ADCs, DACs, DSP core functions, digital audio interface, DC servo
control and other internal functions.
CLK_SYS can either be derived directly from MCLK, or may be generated from a Frequency Locked
Loop (FLL) using MCLK, BCLK or LRC as a reference. Many commonly-used audio sample rates can
be derived directly from typical MCLK frequencies; the FLL provides additional flexibility for a wide
range of MCLK frequencies. To avoid audible glitches, all clock configurations must be set up before
enabling playback. The FLL can be used to generate a free-running clock in the absence of an
external reference source; see “Frequency Locked Loop (FLL)” for further details.
The WM8903 supports automatic clocking configuration. The programmable dividers associated with
the ADCs, DACs, DSP core functions and DC servo are configured automatically, with values
determined from the SAMPLE_RATE, CLK_SYS_RATE and CLK_SYS_MODE fields. Note that the
user must also configure the Digital Audio Interface.
A 256kHz clock, supporting the Control Write Sequencer, MICBIAS Current Detect filtering and a
number of internal functions, is derived from CLK_SYS. This clock is enabled by WSMD_CLK_ENA.
A slow clock, TOCLK, is used to de-bounce the button/accessory detect inputs, and to set the timeout
period for volume updates when zero-cross detect is used. This clock is enabled by TO_ENA.
The Charge Pump and DC servo control functions are clocked from CLK_SYS.
In master mode, BCLK is derived from CLK_SYS via a programmable divider set by BCLK_DIV. In
master mode, the LRC is derived from BCLK via a programmable divider LRCLK_RATE. The LRC
can be derived from an internal or external BCLK source, allowing mixed master/slave operation.
The overall clocking scheme for the WM8903 is illustrated in Figure 55. Note that BCLK and LRC are
described in the “Digital Audio Interface” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com