Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9090ECS/R Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
Production Data
WM9090
w
PD, November 2010, Rev 4.1
35
The sequence of signals associated with a single register write operation is illustrated in Figure 7.
Figure 7 Control Interface Register Write
The sequence of signals associated with a single register read operation is illustrated in Figure 8.
A1
D7
D1
A7
SDA
SCLK
device ID
device ID
A0
D6
B9
B8
Note: The SDA pin is driven by both the master and slave devices in turn to transfer device address, register address, data and ACK responses
R/W
D0
B15
register address
data bits B15 – B8
START
(Write) ACK
ACK
ACK
R/W
(Read)
B1
B0
B7
data bits B15 – B8
ACK
STOP
ACK
Rpt
START
Figure 8 Control Interface Register Read
The Control Interface also supports other register operations, as listed above. The interface protocol
for these operations is summarised below. The terminology used in the following figures is detailed in
Table 18.
Note that multiple write and multiple read operations are supported using the auto-increment mode.
This feature enables the host processor to access sequential blocks of the data in the WM9090
register map faster than is possible with single register operations.
TERMINOLOGY
DESCRIPTION
S
Start Condition
Sr
Repeated start
A
Acknowledge (SDA Low)
A
¯ ¯
Not Acknowledge (SDA High)
P
Stop Condition
R/W
¯ ¯
ReadNotWrite
0 = Write
1 = Read
[White field]
Data flow from bus master to WM9090
[Grey field]
Data flow from WM9090 to bus master
Table 18 Control Interface Terminology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com