Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP22NM60N Datasheet(PDF) 13 Page - STMicroelectronics

Part # STP22NM60N
Description  N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP22NM60N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STP22NM60N Datasheet HTML 9Page - STMicroelectronics STP22NM60N Datasheet HTML 10Page - STMicroelectronics STP22NM60N Datasheet HTML 11Page - STMicroelectronics STP22NM60N Datasheet HTML 12Page - STMicroelectronics STP22NM60N Datasheet HTML 13Page - STMicroelectronics STP22NM60N Datasheet HTML 14Page - STMicroelectronics STP22NM60N Datasheet HTML 15Page - STMicroelectronics STP22NM60N Datasheet HTML 16Page - STMicroelectronics STP22NM60N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
STB/F/I/P/W22NM60N
Package mechanical data
Doc ID 15853 Rev 4
13/23
Figure 24.
D²PAK (TO-263) drawing
0079457_R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com