Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6826 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6826
Description  100 Watts WR-112 RF Load Up To 10 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6826 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6826 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6826 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
100 Watts WR-112 RF Load Up To 10 GHz
Configuration
Connector
WR-112
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
7.05 to 10
Impedance, Ohms
50
Maximum VSWR
1.07:1
Maximum Input Power, Watts
100
Mechanical Specifications
Size
Length, in [mm]
7 [177.8]
Width/Dia., in [mm]
1.875 [47.63]
Height, in [mm]
1.875 [47.63]
.
Connector
Type
WR-112
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
100 Watts WR-112 RF Load Up To 10 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 100 Watts WR-112 RF Load Up To 10 GHz PE6826
URL: http://www.pasternack.com/medium-power-waveguide-termination-frequency-range-705-1000-ghz-pe6826-p.aspx
PE6826
PE6826 REV
100 Watts WR-112 RF Load Up To 10 GHz


Similar Part No. - PE6826

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
PE6820 PASTERNACK-PE6820 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6821 PASTERNACK-PE6821 Datasheet
207Kb / 2P
55 Watts WR-51 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
More results

Similar Description - PE6826

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6808 PASTERNACK-PE6808 Datasheet
207Kb / 2P
2 Watts WR-112 RF Load Up To 10 GHz
PE6817 PASTERNACK-PE6817 Datasheet
207Kb / 2P
2 Watts Precision WR-112 RF Load Up To 10 GHz
PE6819 PASTERNACK-PE6819 Datasheet
208Kb / 2P
40 Watts WR-34 RF Load Up To 33 GHz
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
PE6825 PASTERNACK-PE6825 Datasheet
208Kb / 2P
100 Watts WR-102 RF Load Up To 11 GHz
PE6829 PASTERNACK-PE6829 Datasheet
215Kb / 2P
100 Watts WR-42 RF Load Up To 26.5 GHz
PE6830 PASTERNACK-PE6830 Datasheet
942Kb / 2P
100 Watts WR-51 RF Load Up To 18 GHz
PE6835 PASTERNACK-PE6835 Datasheet
211Kb / 2P
300 Watts WR-112 RF Load Up To 10 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com