Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6832 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6832
Description  175 Watts WR-75 RF Load Up To 15 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6832 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6832 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6832 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
175 Watts WR-75 RF Load Up To 15 GHz
Configuration
Connector
WR-75
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
10 to 15
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Input Power, Watts
175
Mechanical Specifications
Size
Length, in [mm]
6 [152.4]
Width/Dia., in [mm]
3 [76.2]
Height, in [mm]
3 [76.2]
.
Color
Black
Connector
Type
WR-75
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
175 Watts WR-75 RF Load Up To 15 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 175 Watts WR-75 RF Load Up To 15 GHz PE6832
URL: http://www.pasternack.com/high-power-waveguide-termination-frequency-range-1000-1500-ghz-pe6832-p.aspx
PE6832
PE6832 REV
175 Watts WR-75 RF Load Up To 15 GHz


Similar Part No. - PE6832

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6832 PASTERNACK-PE6832 Datasheet
776Kb / 3P
175 Watts High Power WR-75 Waveguide Load
PE6832 PASTERNACK-PE6832_16 Datasheet
776Kb / 3P
175 Watts High Power WR-75 Waveguide Load
More results

Similar Description - PE6832

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6805 PASTERNACK-PE6805 Datasheet
206Kb / 2P
2 Watts WR-75 RF Load Up To 15 GHz
PE6814 PASTERNACK-PE6814 Datasheet
207Kb / 2P
2 Watts Precision WR-75 RF Load Up To 15 GHz
PE6819 PASTERNACK-PE6819 Datasheet
208Kb / 2P
40 Watts WR-34 RF Load Up To 33 GHz
PE6823 PASTERNACK-PE6823 Datasheet
207Kb / 2P
75 Watts WR-75 RF Load Up To 15 GHz
PE6827 PASTERNACK-PE6827 Datasheet
210Kb / 2P
75 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6828 PASTERNACK-PE6828 Datasheet
207Kb / 2P
75 Watts WR-34 RF Load Up To 33 GHz
PE6830 PASTERNACK-PE6830 Datasheet
942Kb / 2P
100 Watts WR-51 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com