Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6834 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6834
Description  300 Watts WR-102 RF Load Up To 11 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6834 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6834 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6834 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
300 Watts WR-102 RF Load Up To 11 GHz
Configuration
Connector
WR-102
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
7 to 11
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Input Power, Watts
300
Mechanical Specifications
Size
Length, in [mm]
7 [177.8]
Width/Dia., in [mm]
3.5 [88.9]
Height, in [mm]
3.5 [88.9]
.
Color
Black
Connector
Type
WR-102
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
300 Watts WR-102 RF Load Up To 11 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 300 Watts WR-102 RF Load Up To 11 GHz PE6834
URL: http://www.pasternack.com/high-power-waveguide-termination-frequency-range-700-1100-ghz-pe6834-p.aspx
PE6834
PE6834 REV
300 Watts WR-102 RF Load Up To 11 GHz


Similar Part No. - PE6834

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6830 PASTERNACK-PE6830 Datasheet
942Kb / 2P
100 Watts WR-51 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PE6831 PASTERNACK-PE6831_16 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
175 Watts WR-75 RF Load Up To 15 GHz
More results

Similar Description - PE6834

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6807 PASTERNACK-PE6807 Datasheet
207Kb / 2P
2 Watts WR-102 RF Load Up To 11 GHz
PE6816 PASTERNACK-PE6816 Datasheet
207Kb / 2P
2 Watts Precision WR-102 RF Load Up To 11 GHz
PE6819 PASTERNACK-PE6819 Datasheet
208Kb / 2P
40 Watts WR-34 RF Load Up To 33 GHz
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
PE6825 PASTERNACK-PE6825 Datasheet
208Kb / 2P
100 Watts WR-102 RF Load Up To 11 GHz
PE6830 PASTERNACK-PE6830 Datasheet
942Kb / 2P
100 Watts WR-51 RF Load Up To 18 GHz
PE6835 PASTERNACK-PE6835 Datasheet
211Kb / 2P
300 Watts WR-112 RF Load Up To 10 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com