Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4413 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C4413
Description  2P 24 SOLID BC SRPVC UNSHLD PVC Sound, Alarm & Security Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C4413 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C4413 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C4413
Date:
11/5/2007
Revision Level:
1
2P 24 SOLID BC SRPVC UNSHLD PVC
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Pairing
#24 AWG Solid Bare Copper
0.008” Wall Semi-Rigid Polyvinyl Chloride
0.032” Wall Polyvinyl Chloride – Beige
0.020” nom.
CAROL (R) AWG 24 -- C4413A -- CMX OUTDOOR-CMR (UL)C(UL) – CAT-3 – 24 AWG
E111240-8 (DATE CODE & SEQUENTIAL FOOTAGE)
2P with rip cord @ 4.00" LHL
0.115" nom.
0.035” nom.
0.145" +/- 0.007"
White/Blue-Blue @ 3.24” LHL
& White/Orange-Orange @ 2.39” LHL.
0.070" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
60C
300V
25.7 Ohms/1000 ft nom
34.95 pF/ft @ 1kHz nom
64.9 Ohms @ 1MHz nom
National Electrical Code
Article 800
UL Standard 444
Type CMX/CMR
1
2
White/Blue - Blue
White/Orange - Orange
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C4413

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C441 NJSEMI-C441 Datasheet
122Kb / 2P
Silicon Controlled Rectifier
logo
Coilcraft lnc.
C441 COILCRAFT-C441 Datasheet
100Kb / 1P
Designer’s Kits
logo
General Cable Technolog...
C4410 GENERAL-C4410 Datasheet
73Kb / 1P
3C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
C4412 GENERAL-C4412 Datasheet
73Kb / 1P
4C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
C4412ST GENERAL-C4412ST Datasheet
73Kb / 1P
4C 22 7/.0096 BC PVC NS PVC Sound, Alarm & Security Cable
More results

Similar Description - C4413

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4010A GENERAL-C4010A Datasheet
81Kb / 1P
2P 22 SOLID TC SRPVC UNSHLD PVC COMMUNICATION CABLE
C4408 GENERAL-C4408 Datasheet
75Kb / 1P
2C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
C4410 GENERAL-C4410 Datasheet
73Kb / 1P
3C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
C4412 GENERAL-C4412 Datasheet
73Kb / 1P
4C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
C4412ST GENERAL-C4412ST Datasheet
73Kb / 1P
4C 22 7/.0096 BC PVC NS PVC Sound, Alarm & Security Cable
E1001S GENERAL-E1001S Datasheet
73Kb / 1P
4C 22 SOLID BC SR-PVC PVC Sound, Alarm & Security Cable
E1030S GENERAL-E1030S Datasheet
73Kb / 1P
2C 18 SOLID BC SR-PVC PVC Sound, Alarm & Security Cable
E1522S GENERAL-E1522S Datasheet
75Kb / 1P
2C 14 SOLID BC SRPVC PVC Fire Alarm/Life Safety Cable
E2000S GENERAL-E2000S Datasheet
73Kb / 1P
2C 22 SOLID BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2030S GENERAL-E2030S Datasheet
73Kb / 1P
2C 18 SOLID BC SR-PVC OAS PVC Sound, Alarm & Security Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com