Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2301 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2301
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2301 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2301_13 Datasheet HTML 1Page - Diodes Incorporated AP2301_13 Datasheet HTML 2Page - Diodes Incorporated AP2301_13 Datasheet HTML 3Page - Diodes Incorporated AP2301_13 Datasheet HTML 4Page - Diodes Incorporated AP2301_13 Datasheet HTML 5Page - Diodes Incorporated AP2301_13 Datasheet HTML 6Page - Diodes Incorporated AP2301_13 Datasheet HTML 7Page - Diodes Incorporated AP2301_13 Datasheet HTML 8Page - Diodes Incorporated AP2301_13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AP2301/AP2311
Document number: DS32241 Rev. 4 - 2
3 of 18
www.diodes.com
March 2013
© Diodes Incorporated
AP2301/AP2311
Functional Block Diagram
Thermal
Sense
FLG
OUT
GND
IN
EN
UVLO
Current
Limit
Current
Sense
Deglitch
Discharge
Control
Driver
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD MM
Machine Model ESD Protection
200
V
VIN
Input Voltage (Note 4)
-0.3 to 6.5
V
VOUT
Output Voltage (Note 4)
-0.3 to (VIN +0.3) or 6.5
V
VEN , VFLG
Enable Voltage (Note 4)
-0.3 to (VIN +0.3) or 6.5
V
ILOAD
Maximum Continuous Load Current
Internal Limited
A
TJ(MAX)
Maximum Junction Temperature
150
°C
TST
Storage Temperature Range (Note 5)
-65 to +150
°C
Notes:
4. All voltages referred to GND pin. Maximums are the lower of (VIN +0.3) and 6.5V
5. UL Recognized Rating from -30°C to +70°C (Diodes qualified TST from -65°C to +150°C)
Caution: Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings
only; functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability
may be affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input voltage
2.7
5.5
V
IOUT
Output Current
0
2
A
VIL
EN Input Logic Low Voltage
0
0.8
V
VIH
EN Input Logic High Voltage
2
VIN
V
TA
Operating Ambient Temperature
-40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com