Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129T Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129T Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PCF2129T Datasheet HTML 65Page - NXP Semiconductors PCF2129T Datasheet HTML 66Page - NXP Semiconductors PCF2129T Datasheet HTML 67Page - NXP Semiconductors PCF2129T Datasheet HTML 68Page - NXP Semiconductors PCF2129T Datasheet HTML 69Page - NXP Semiconductors PCF2129T Datasheet HTML 70Page - NXP Semiconductors PCF2129T Datasheet HTML 71Page - NXP Semiconductors PCF2129T Datasheet HTML 72Page - NXP Semiconductors PCF2129T Datasheet HTML 73Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
PCF2129T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 12 February 2013
70 of 73
NXP Semiconductors
PCF2129T
Accurate RTC with integrated quartz crystal for industrial
23. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 3.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 4.
Pin description of PCF2129T . . . . . . . . . . . . . . .4
Table 5.
Register overview . . . . . . . . . . . . . . . . . . . . . . .7
Table 6.
Control_1 - control and status register 1
(address 00h) bit description . . . . . . . . . . . . . . .9
Table 7.
Control_2 - control and status register 2
(address 01h) bit description . . . . . . . . . . . . . .10
Table 8.
Control_3 - control and status register 3
(address 02h) bit description . . . . . . . . . . . . . . 11
Table 9.
CLKOUT_ctl - CLKOUT control register
(address 0Fh) bit description . . . . . . . . . . . . . .12
Table 10. Temperature measurement period . . . . . . . . . .12
Table 11. CLKOUT frequency selection . . . . . . . . . . . . . .13
Table 12. Aging_offset - crystal aging offset register
(address 19h) bit description . . . . . . . . . . . . . .14
Table 13. Frequency correction at 25 °C, typical . . . . . . .14
Table 14. Power management control bit description. . . .15
Table 15. Output pin BBS . . . . . . . . . . . . . . . . . . . . . . . . .18
Table 16. Seconds - seconds and clock integrity register
(address 03h) bit description . . . . . . . . . . . . . .24
Table 17. Seconds coded in BCD format . . . . . . . . . . . .24
Table 18. Minutes - minutes register (address 04h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Table 19. Hours - hours register (address 05h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 20. Days - days register (address 06h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 21. Weekdays - weekdays register (address 07h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 22. Weekday assignments . . . . . . . . . . . . . . . . . . .25
Table 23. Months - months register (address 08h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Table 24. Month assignments in BCD format . . . . . . . . . .26
Table 25. Years - years register (address 09h) bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Table 26. Second_alarm - second alarm register
(address 0Ah) bit description . . . . . . . . . . . . . .28
Table 27. Minute_alarm - minute alarm register
(address 0Bh) bit description . . . . . . . . . . . . . .29
Table 28. Hour_alarm - hour alarm register
(address 0Ch) bit description . . . . . . . . . . . . . .29
Table 29. Day_alarm - day alarm register (address 0Dh)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .29
Table 30. Weekday_alarm - weekday alarm register
(address 0Eh) bit description . . . . . . . . . . . . . .30
Table 31. Watchdg_tim_ctl - watchdog timer control
register (address 10h) bit description . . . . . . .31
Table 32. Watchdg_tim_val - watchdog timer value
register (address 11h) bit description . . . . . . . .31
Table 33. Programmable watchdog timer. . . . . . . . . . . . .32
Table 34. Flag location in register Control_2 . . . . . . . . . .33
Table 35. Example values in register Control_2 . . . . . . . .34
Table 36. Example to clear only AF (bit 4) . . . . . . . . . . . .34
Table 37. Example to clear only MSF (bit 7). . . . . . . . . . .34
Table 38. Timestp_ctl - timestamp control register
(address 12h) bit description . . . . . . . . . . . . . . 36
Table 39. Sec_timestp - second timestamp register
(address 13h) bit description . . . . . . . . . . . . . . 36
Table 40. Min_timestp - minute timestamp register
(address 14h) bit description . . . . . . . . . . . . . . 36
Table 41. Hour_timestp - hour timestamp register
(address 15h) bit description . . . . . . . . . . . . . . 37
Table 42. Day_timestp - day timestamp register
(address 16h) bit description . . . . . . . . . . . . . . 37
Table 43. Mon_timestp - month timestamp register
(address 17h) bit description . . . . . . . . . . . . . . 37
Table 44. Year_timestp - year timestamp register
(address 18h) bit description . . . . . . . . . . . . . . 37
Table 45. Battery switch-over and timestamp . . . . . . . . . 38
Table 46. Effect of bits MI and SI on pin INT and bit MSF 40
Table 47. First increment of time circuits after stop
release . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 48. Interface selection input pin IFS. . . . . . . . . . . . 46
Table 49. Serial interface . . . . . . . . . . . . . . . . . . . . . . . . . 47
Table 50. Command byte definition . . . . . . . . . . . . . . . . . 48
Table 51. I2C slave address byte . . . . . . . . . . . . . . . . . . . 51
Table 52. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . 53
Table 53. Static characteristics . . . . . . . . . . . . . . . . . . . . 54
Table 54. Frequency characteristics . . . . . . . . . . . . . . . . 58
Table 55. SPI-bus characteristics . . . . . . . . . . . . . . . . . . 59
Table 56. I2C-bus characteristics . . . . . . . . . . . . . . . . . . . 61
Table 57. Carrier tape dimensions . . . . . . . . . . . . . . . . . 64
Table 58. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 59. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com