Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-639USL100-R Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # FTP-639USL100-R
Description  24V driven receipt, ticket printer 3??KIOSK printer unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTP-639USL100-R Datasheet(HTML) 1 Page - fujitsu semiconductor

  FTP-639USL100-R Datasheet HTML 1Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 2Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 3Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 4Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 5Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 6Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 7Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 8Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FTP-639USL100-R Series
PRELIMINAR
Y
n
OvERvIEw
The FTP-639USL Series is 24V driven receipt printer unit with cutter
for 3 inch wide paper. The unit has our high-speed FTP-639MCL
mechanism, cutter and control board, with an integrated paper feed and
built-in paper guide section.
The receipt printer unit is most suitable for applications such as
Kiosk, ATM, receipt, label, and ticket issuing printers for various other
equipment.
n
FEATURES
• External presenter option
• Medium duty unit (mounting is easy)
• Ultra high speed printer (125/200mm / sec.)
• Auto cutter included
• Paper near end-detection function
• Up to 6 inch paper roll diameter
• Rear paper auto loading
• Paper jam detection
• Prints 2-D barcodes
FTP-639USL100-R Series
24v dRIvEN REcEIPT, TIckET PRINTER
3” kIOSk PRINTER UNIT
n
dESIGNATION
*: Interface board is FTP-629DSL350 series
FTP-639USL100 - horizontal
FTP-639USL100 - vertical
Item
Part Number
Comment
Printer module interface
USB (ver 2.0)
FTP-639USL101*
without presenter
Serial (RS-232C) / USB
FTP-639USL102*
USB (ver 2.0)
FTP-639USL201
with presenter
Serial (RS-232C) / USB
FTP-639USL202
Cables
USB interface
FTP-629Y301
Serial interface
FTP-629Y302
Power for logic, head, motor FTP-629Y603


Similar Part No. - FTP-639USL100-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTP-639MCL FUJITSU-FTP-639MCL Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
More results

Similar Description - FTP-639USL100-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
Printer Driver?
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
Date Printer
January 17, 2003
logo
fujitsu semiconductor
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
24V driven High speed thermal printer
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
24V driveN high speed thermal printer
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
Laser Printer
logo
STMicroelectronics
STEVAL-IPC002V1 STMICROELECTRONICS-STEVAL-IPC002V1 Datasheet
179Kb / 7P
Thermal printer-based parking ticket vending machine
08-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com