Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA66-1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMA66-1
Description  Fully integrated GPS LNA IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA66-1 Datasheet(HTML) 5 Page - STMicroelectronics

  SMA66-1 Datasheet HTML 1Page - STMicroelectronics SMA66-1 Datasheet HTML 2Page - STMicroelectronics SMA66-1 Datasheet HTML 3Page - STMicroelectronics SMA66-1 Datasheet HTML 4Page - STMicroelectronics SMA66-1 Datasheet HTML 5Page - STMicroelectronics SMA66-1 Datasheet HTML 6Page - STMicroelectronics SMA66-1 Datasheet HTML 7Page - STMicroelectronics SMA66-1 Datasheet HTML 8Page - STMicroelectronics SMA66-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SMA661AS
Typical performance
5/14
3
Typical performance
(Vcc = 2.7 V, ZL = ZS = 50 ohm, unless otherwise specified; measured according to Figure 13 at pin level)
Figure 3.
Power gain vs. frequency
Figure 4.
Input return loss vs. frequency
Figure 5.
Noise figure vs. frequency
Figure 6.
Reverse isolation vs. frequency
Figure 7.
Output return loss vs. frequency
Figure 8.
IIP3 vs. temperature
10
11
12
13
14
15
16
17
18
19
20
21
22
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
f (MHz)
Ta = -40 ºC
Ta = +25 ºC
Ta = +85 ºC
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
f (MHz)
Ta = +85 ºC
Ta = -40 ºC
Ta = +25 ºC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1500
1520
1540
1560
1580
1600
f (MHz)
Ta = +85 ºC
Ta = +25 ºC
Ta = -40 ºC
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
f (MHz)
Ta = +85 ºC
Ta = -40 ºC
Ta = +25 ºC
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
f (MHz)
Ta = -40 ºC
Ta = +85 ºC
Ta = +25 ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
25
85
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com