Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST26025A Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST26025A
Description  Smart power solutions for car body applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26025A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST26025A Datasheet HTML 8Page - STMicroelectronics ST26025A Datasheet HTML 9Page - STMicroelectronics ST26025A Datasheet HTML 10Page - STMicroelectronics ST26025A Datasheet HTML 11Page - STMicroelectronics ST26025A Datasheet HTML 12Page - STMicroelectronics ST26025A Datasheet HTML 13Page - STMicroelectronics ST26025A Datasheet HTML 14Page - STMicroelectronics ST26025A Datasheet HTML 15Page - STMicroelectronics ST26025A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Door zone modules
Part
number
Package
Driver stages
Max
on-state
resistance
RDS(on)
(mΩ)
Current
limitation
Ilim (A)
Operating
range Vs
(V)
PWM
control
Short-
circuit
protection
Current
sense
Thermal
shutdown
Reverse
battery
protection
Diagnostics
and
programming
EC control LED
mode
Description
L9949
PowerSO‑20
1 full bridge
150
6
7 to 28
•
•
•
SPI
‑
Mid‑end front‑door module
3 half bridges
800
1.6
1 high‑side switch
100
6
L9950
L9950XP
PowerSO‑36
PowerSSO‑36
2 half bridges
300
3
7 to 28
•
•
•
•
•
SPI
‑
High‑end front‑door module
2 half bridges
800
1.5
1 full bridge
150
6
4 high‑side switches
800
1.5
1 high‑side switch
100
6
L9951
L9951XP
PowerSO‑36
PowerSSO‑36
1 half bridge
150
7.4
7 to 28
•
•
•
•
•
SPI
‑
Rear‑door module
2 half bridges
200
5
2 high‑side switches
800
1.25
L9953
L9953XP
PowerSO‑36
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
•
•
•
•
•
SPI
‑
Mid‑end front‑door module
1 full bridge
150
6
2 high‑side switches
500
1.5
1 high‑side switch
100
6
L9953LXP PowerSSO‑36
3 half bridges
800
1.5
7 to 28
•
•
•
•
•
SPI
‑
2x
Mid‑end front‑door module
compatible with bulbs/LEDs
1 full bridge
150
6
2 high‑side switches 500/1800 1.5/0.35
1 high‑side switch
100
6
L9954
L9954XP
PowerSO‑36
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
•
•
•
•
•
SPI
‑
Mid‑end front‑door module
without door lock
2 high‑side switches
500
1.5
1 high‑side switch
100
6
L9954LXP PowerSSO‑36
3 half bridges
800
1.5
7 to 28
•
•
•
•
•
SPI
‑
2x
Mid‑end front‑door
module without door lock
compatible with bulbs/LEDs
2 high‑side switches 500/1800 1.5/0.35
1 high‑side switch
100
6
L99DZ70XP PowerSSO‑36
1 full bridge
150
6
7 to 28
•
•
•
•
•
SPI
6‑bit
resolution
1.2 V/1.5 V
4x
High‑end front‑door module
compatible with bulbs/
LEDs.
Control circuitry for electro‑
chromic mirror glass.
2 half bridges
300
3
2 half bridges
1600
0.75
1 high‑side switch
90
6
2 configurable
high‑side switches
500/1800
1.5/0.4
2 high‑side switches
1600
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com