Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103ZG Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F103ZG
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZG Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F103ZG Datasheet HTML 60Page - STMicroelectronics STM32F103ZG Datasheet HTML 61Page - STMicroelectronics STM32F103ZG Datasheet HTML 62Page - STMicroelectronics STM32F103ZG Datasheet HTML 63Page - STMicroelectronics STM32F103ZG Datasheet HTML 64Page - STMicroelectronics STM32F103ZG Datasheet HTML 65Page - STMicroelectronics STM32F103ZG Datasheet HTML 66Page - STMicroelectronics STM32F103ZG Datasheet HTML 67Page - STMicroelectronics STM32F103ZG Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 120 page
background image
Electrical characteristics
STM32F103xF, STM32F103xG
64/120
Doc ID 16554 Rev 3
Table 32.
Asynchronous non-multiplexed SRAM/PSRAM/NOR write timings(1)
1.
CL = 15 pF.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
3tHCLK + 0.5
3tHCLK + 1.5 ns
tv(NWE_NE)
FSMC_NEx low to FSMC_NWE low
tHCLK + 0.5
tHCLK + 1.5
ns
tw(NWE)
FSMC_NWE low time
tHCLK – 0.5
tHCLK + 1
ns
th(NE_NWE)
FSMC_NWE high to FSMC_NE high hold time
tHCLK – 0.5
-
ns
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
0
ns
th(A_NWE)
Address hold time after FSMC_NWE high
tHCLK
-ns
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
1.5
ns
th(BL_NWE)
FSMC_BL hold time after FSMC_NWE high
tHCLK – 1.5
-
ns
tv(Data_NE)
FSMC_NEx low to Data valid
-
tHCLK
ns
th(Data_NWE) Data hold time after FSMC_NWE high
tHCLK
-ns
tv(NADV_NE)
FSMC_NEx low to FSMC_NADV low
-
0
ns
tw(NADV)
FSMC_NADV low time
-
tHCLK + 1.5
ns
Table 33.
Asynchronous read muxed
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
7tHCLK + 0.5
7tHCLK + 2
ns
tv(NOE_NE)
FSMC_NEx low to FSMC_NOE low
3tHCLK + 0.5
3tHCLK + 1.5
tw(NOE)
FSMC_NOE low time
4tHCLK – 1
4tHCLK + 1
th(NE_NOE)
FSMC_NOE high to FSMC_NE high hold time
0.5
-
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
0
tv(NADV_NE)
FSMC_NEx low to FSMC_NADV low
0
1
tw(NADV)
FSMC_NADV low time
tHCLK + 0.5
tHCLK + 2
th(AD_NADV)
FSMC_AD (address) valid hold time after
FSMC NADV high
tHCLK
-
th(A_NOE)
Address hold time after FSMC_NOE high
tHCLK – 2
-
th(BL_NOE)
FSMC_BL time after FSMC_NOE high
0.5
-
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
0
tsu(Data_NE)
Data to FSMC_NEx high setup time
4tHCLK – 0.5
-
tsu(Data_NOE) Data to FSMC_NOE high setup time
4tHCLK – 1
-
th(Data_NE)
Data hold time after FSMC_NEx high
0
-
th(Data_NOE)
Data hold time after FSMC_NOE high
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com