Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640J3C115 Datasheet(PDF) 26 Page - Intel Corporation

Part # JS28F640J3C115
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640J3C115 Datasheet(HTML) 26 Page - Intel Corporation

Back Button JS28F640J3C115 Datasheet HTML 22Page - Intel Corporation JS28F640J3C115 Datasheet HTML 23Page - Intel Corporation JS28F640J3C115 Datasheet HTML 24Page - Intel Corporation JS28F640J3C115 Datasheet HTML 25Page - Intel Corporation JS28F640J3C115 Datasheet HTML 26Page - Intel Corporation JS28F640J3C115 Datasheet HTML 27Page - Intel Corporation JS28F640J3C115 Datasheet HTML 28Page - Intel Corporation JS28F640J3C115 Datasheet HTML 29Page - Intel Corporation JS28F640J3C115 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
26
Datasheet
7.2
Write Operations
Table 9.
Write Operations
Versions
Valid for All
Speeds
Unit
Notes
#
Symbol
Parameter
Min
Max
W1
tPHWL (tPHEL)
RP# High Recovery to WE# (CEX) Going Low
1
µs
1,2,3
W2
tELWL (tWLEL)CEX (WE#) Low to WE# (CEX) Going Low
0
ns
1,2,4
W3
tWP
Write Pulse Width
70
ns
1,2,4
W4
tDVWH (tDVEH)
Data Setup to WE# (CEX) Going High
50
ns
1,2,5
W5
tAVWH (tAVEH)
Address Setup to WE# (CEX) Going High
55
ns
1,2,5
W6
tWHEH (tEHWH)CEX (WE#) Hold from WE# (CEX) High
0
ns
1,2,
W7
tWHDX (tEHDX)
Data Hold from WE# (CEX) High
0
ns
1,2,
W8
tWHAX (tEHAX)
Address Hold from WE# (CEX) High
0
ns
1,2,
W9
tWPH
Write Pulse Width High
30
ns
1,2,6
W11
tVPWH (tVPEH)VPEN Setup to WE# (CEX) Going High
0
ns
1,2,3
W12
tWHGL (tEHGL)
Write Recovery before Read
35
ns
1,2,7
W13
tWHRL (tEHRL)WE# (CEX) High to STS Going Low
500
ns
1,2,8
W15
tQVVL
VPEN Hold from Valid SRD, STS Going High
0
ns
1,2,3,8,9
NOTES:
CEX low is defined as the first edge of CE0, CE1, or CE2 that enables the device. CEX high is defined at the first edge of CE0, CE1,
or CE2 that disables the device (see Table 13).
1. Read timing characteristics during block erase, program, and lock-bit configuration operations are the same as
during read-only operations. Refer to AC Characteristics–Read-Only Operations.
2. A write operation can be initiated and terminated with either CEX or WE#.
3. Sampled, not 100% tested.
4. Write pulse width (tWP) is defined from CEX or WE# going low (whichever goes low last) to CEX or WE# going
high (whichever goes high first). Hence, tWP = tWLWH = tELEH = tWLEH = tELWH.
5. Refer to Table 14 for valid AIN and DIN for block erase, program, or lock-bit configuration.
6. Write pulse width high (tWPH) is defined from CEX or WE# going high (whichever goes high first) to CEX or WE#
going low (whichever goes low first). Hence, tWPH = tWHWL = tEHEL = tWHEL = tEHWL.
7. For array access, tAVQV is required in addition to tWHGL for any accesses after a write.
8. STS timings are based on STS configured in its RY/BY# default mode.
9. VPEN should be held at VPENH until determination of block erase, program, or lock-bit configuration success
(SR[1,3,4:5] = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com