Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS75-36 Datasheet(PDF) 2 Page - TDK Electronics

Part # LS75-36
Description  Single Output General Purpose Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

LS75-36 Datasheet(HTML) 2 Page - TDK Electronics

  LS75-36 Datasheet HTML 1Page - TDK Electronics LS75-36 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
74
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B1: Mar 2012
LS Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/ls-series.htm
Adjust Range
Max Current
Load Reg
Line Reg
Ripple Noise
Efficiency
Model
Voltage
(V)
(A)
(mV)
(mV)
(mV)
(typ) %
LS25-3.3
3.3V
2.85 - 3.6
6.0
40
20
80
75
LS25-5
5V
4.5 - 5.5
5.0
40
20
80
79
LS25-12
12V
10.8 - 13.2
2.1
96
48
120
83
LS25-15
15V
13.5 - 16.5
1.7
120
60
120
83
LS25-24
24V
22 - 27.6
1.1
192
96
120
84
LS25-36
36V
32 - 40
0.75
288
144
150
84
LS25-48
48V
42 - 54
0.57
384
192
200
85
LS35-3.3
3.3V
2.85 - 3.6
7.0
40
20
80
75
LS35-5
5V
4.5 - 5.5
7.0
40
20
80
78
LS35-12
12V
10.8 - 13.2
3.0
96
48
120
82
LS35-15
15V
13.5 - 16.5
2.4
120
60
120
83
LS35-24
24V
22 - 27.6
1.5
192
96
120
84
LS35-36
36V
32 - 40
1.0
288
144
150
84
LS35-48
48V
42 - 54
0.8
384
192
200
84
LS50-3.3
3.3V
3.0 - 3.6
10.0
40
20
80
75
LS50-5
5V
4.75 - 5.5
10.0
40
20
80
80
LS50-12
12V
10.8 - 13.2
4.2
96
48
120
84
LS50-15
15V
13.5 - 16.5
3.4
120
60
120
85
LS50-24
24V
22 - 27.2
2.2
192
96
120
86
LS50-36
36V
32 - 40
1.4
288
144
150
86
LS50-48
48V
42 - 54
1.1
384
192
200
86
LS75-3.3
3.3V
3.0 - 3.6
15.0
40
20
80
75
LS75-5
5V
4.75 - 5.5
12.0
40
20
80
79
LS75-12
12V
10.8 - 13.2
6.0
96
48
120
84
LS75-15
15V
13.5 - 16.5
5.0
120
60
120
85
LS75-24
24V
22 - 27.2
3.2
192
96
120
86
LS75-36
36V
32 - 40
2.1
288
144
150
86
LS75-48
48V
42 - 54
1.6
384
192
200
87
LS100-3.3
3.3V
3.0 - 3.6
20.0
40
20
80
75
LS100-5
5V
4.75 - 5.5
16.0
40
25
80
79
LS100-12
12V
10.8 - 13.2
8.5
96
48
120
82
LS100-15
15V
13.5 - 16.5
7.0
120
60
120
84
LS100-24
24V
22 - 27.2
4.5
192
96
120
86
LS100-36
36V
32 - 40
3.0
288
144
150
86
LS100-48
48V
42 - 54
2.3
384
192
200
86
LS150-3.3
3.3V
3.0 - 3.6
30.0
40
20
80
75
LS150-5
5V
4.75 - 5.5
26.0
40
20
80
79
LS150-12
12V
10.8 - 13.2
12.5
96
48
120
83
LS150-15
15V
13.5 - 16.5
10.0
120
60
120
85
LS150-24
24V
22 - 27.2
6.5
192
96
120
86
LS150-36
36V
32 - 40
4.3
288
144
150
87
LS150-48
48V
42 - 54
3.3
384
192
200
87
Output Ratings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com