Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR802 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR802
Description  8.0AMPS. Schottky Barrier Rectifiers High reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR802 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR802_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR802_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR802_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR802_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version:F12
RATINGS AND CHARACTERISTIC CURVES (SR802 THRU SR815)
0
2
4
6
8
10
0
50
100
150
LEAD TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
SR805 - SR815
SR802 - SR804
RESISTIVE OF
INDUCTIVE LOAD
WITH HEATSINK
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
TA=25℃
TA=75℃
TA=125℃
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
SR809-SR815
SR805-SR806
SR802-SR804
TA=25℃
0.1
1
10
100
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
SR802-SR804
SR805-SR806
SR815
SR809-SR810
TA=25oC
Pulse Width=300us
1% Duty Cycle
0.1
1
10
100
0.01
0.1
1
10
100
T, PILSE DURATION. (sec)
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com