Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAS820 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS820
Description  8.0AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS820 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRAS820 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS820 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRAS820 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SRAS820 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
UL Recognized File #E-326854
For surface mounted application
Ideal for automated pick & place
Low power loss, high efficiency
High current capability, low VF
Epitaxial construction
Guard-ring for transient protection
Mechanical Data
SRAS8x0
D2PAK
800 / 13" REEL
RN
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SRAS
820
SRAS
830
SRAS
840
SRAS
850
SRAS
860
SRAS
890
SRAS
8100
SRAS
8150
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
IFSM
A
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Storage Temperature Range
- 65 to + 150
Typical Thermal Resistance
3
Operating Temperature Range
- 65 to + 150
Note 1: Pulse Test with PW=300u sec, 1% Duty Cycle
Note 2: Measure at 1MHz and Applied Reverse Voltage of 4.0V D.C.
Version:G12
Part No.
Package
Packing
Packing
code
Green Compound
Packing code
Typical Junction Capacitance (Note 2)
165
V
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100℃
TA=125 ℃
IR
0.1
mA
5-
-5
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
8.0
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
150
Maximum Instantaneous Forward Voltage (Note 1)
@ 8.0A
VF
0.55
0.70
0.95
Weight: 1.36 gram
Type Number
Maximum Repetitive Peak Reverse Voltage
RNG
Note: "x" is Device Code from "2" thru "15".
Maximum RMS Voltage
Ordering Information
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case: D
2PAK molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260℃/10 seconds/.25", (6.35mm) from case
SRAS820 - SRAS8150
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
D
2PAK
Features
High reliabbility
Plastic material used carriers Underwriters
Laboratory Classification 94V-0


Similar Part No. - SRAS820

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAS820 TSC-SRAS820 Datasheet
161Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820 Datasheet
137Kb / 2P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820 Datasheet
210Kb / 4P
Surface Mount Schottky Barrier Rectifiers
logo
Inchange Semiconductor ...
SRAS820 ISC-SRAS820 Datasheet
233Kb / 2P
Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
SRAS820 TSC-SRAS820_11 Datasheet
137Kb / 2P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SRAS820

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_11 Datasheet
174Kb / 2P
8.0AMPS Surface Mount Super Fast Rectifiers
SRAS820 TSC-SRAS820_11 Datasheet
137Kb / 2P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRA820 TSC-SRA820_11 Datasheet
219Kb / 2P
8.0AMPS. Schottky Barrier Rectifiers
SFAS801G TSC-SFAS801G_13 Datasheet
428Kb / 4P
8.0AMPS Surface Mount Super Fast Rectifiers
SR802 TSC-SR802_13 Datasheet
260Kb / 4P
8.0AMPS. Schottky Barrier Rectifiers High reliability
SRA820 TSC-SRA820_13 Datasheet
246Kb / 3P
8.0AMPS. Schottky Barrier Rectifiers High reliabbility
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
8.0AMPS. Isolated Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS860L CHONGQING-PS860L Datasheet
197Kb / 1P
8.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com