Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS24M Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS24M
Description  2A/40V SMD Schottky Rectifier High efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS24M Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS24M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS24M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEWSLETTER 05- 2012
Taiwan Semiconductor Co., Ltd.
11F, No. 205, Sec. 3, Beishin Rd.,
Shindian District, New Taipei City, 231, Taiwan R.O.C.
Tel. +886 2 8913-1588
Fax +886 2 8913-1788
E-Mail: marketing@mail.ts.com.tw
Ordering Information:
Mechanical Data:
•
Case: Micro SMA
•
Molding Compound meet UL 94V-0 rate flame flammability rating.
•
Terminals: Matte tin plated leads, solderable
per J-STD-002B, and JESD22-B102D
•
Polarity: Indicated by Cathode Band
•
Packaging: 8 mm tape per EIA Std RS-481
•
Weight: 0.006 grams
New Release
New Release
New Release
New Release
Outline (Package)
Reel
Inner Box
Carton
Carton Size Gross Weight
Reel Size
Packing code
Halogen-Free
Packing code
(PCS)
(PCS)
(PCS)
(m/m)
(kgs/ Carton)
(inch)
Mirco SMA(8mm tape) 3,000
18,000
90,000
397x216x230
4.3
7
RS
RSG
SS24M – 2A/40V SMD Schottky Rectifier



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com