Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3552 Datasheet(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Part # TS3552
Description  2A/350kHz Synchronous Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3552 Datasheet(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS3552 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS3552
2A/350kHz Synchronous Buck DC/DC Converter
10/11
Version: B11
SOP-8 Mechanical Drawing
DETAIL A
L
e
D
7 (4X)
b
y
DETAIL A
θ
Marking Diagram
Y
= Year Code
M = Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug,
W=Sep, X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
SOP-8 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX.
A
--
1.75
--
0.069
A1
0.10
0.25
0.040
0.100
A2
1.25
--
0.049
--
C
0.10
0.25
0.007
0.01
D
4.70
5.10
0.185
0.200
E
3.70
4.10
0.146
0.161
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.015
0.050
b
0.31
0.51
0.012
0.020
e
1.27 BSC
0.050 BSC
y
--
-.1
--
0.004
θ
0º
8º
0º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com