Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2021 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC_ to GND ........................................................-0.3V to +5.5V
BBI+, BBI-, BBQ+, BBQ- to GND...............-3.5V to (VCC + 0.3V)
LO, RF to GND Maximum Current ......................................30mA
RF Input Power ...............................................................+30dBm
Baseband Differential I/Q Input Power...........................+20dBm
LO Input Power...............................................................+10dBm
RBIASLO1 Maximum Current .............................................10mA
RBIASLO2 Maximum Current .............................................10mA
RBIASLO3 Maximum Current .............................................10mA
Continuous Power Dissipation (Note 1) ...............................7.6W
Operating Case Temperature Range (Note 2) ....-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
DC ELECTRICAL CHARACTERISTICS
(MAX2021
Typical Application Circuit, VCC = 4.75V to 5.25V, GND = 0V, I/Q inputs terminated into 50Ω to GND, LO input terminated into
50Ω, RF output terminated into 50Ω, 0V common-mode input, R1 = 432Ω, R2 = 619Ω, R3 = 332Ω, TC = -40°C to +85°C, unless otherwise
noted. Typical values are at VCC = 5V, TC = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Total Supply Current
ITOTAL
Pins 3, 13, 15, 31, 33 all connected to VCC
230
271
315
mA
Total Power Dissipation
1355
1654
mW
RECOMMENDED AC OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
RF Frequency (Note 5)
fRF
650
1200
MHz
LO Frequency (Note 5)
fLO
750
1200
MHz
IF Frequency (Note 5)
fIF
550
MHz
LO Power Range
PLO
-6
+3
dBm
Note 1:
Based on junction temperature TJ = TC + (θJC x VCC x ICC). This formula can be used when the temperature of the
exposed pad is known while the device is soldered down to a PCB. See the
Applications Information section for details.
The junction temperature must not exceed +150°C.
Note 2:
TC is the temperature on the exposed pad of the package. TA is the ambient temperature of the device and PCB.
Note 3:
Junction temperature TJ = TA + (θJA x VCC x ICC). This formula can be used when the ambient temperature of the PCB is
known. The junction temperature must not exceed +150°C.
Note 4:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS
TQFN
Junction-to-Ambient
Thermal Resistance (θJA) (Notes 3, 4) .......................+34°C/W
Junction-to-Case
Thermal Resistance (θJC) (Notes 1, 4) ......................+8.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com