Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3545R Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # MBR3545R
Description  Schottky Power Diode, 35A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MBR3545R Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  MBR3545R Datasheet HTML 1Page - Naina Semiconductor ltd. MBR3545R Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
MBR3545 thru
MBR35100R
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Schottky Power Diode, 35A
Features
•
Fast Switching
•
Low forward voltage drop
•
High surge capability
•
High efficiency, low power loss
•
Normal and Reverse polarity
Maximum Ratings (TJ = 25
oC, unless otherwise noted)
Parameter
Test
Conditions
Symbol
MBR3545(R)
MBR3560(R)
MBR3580(R)
MBR35100(R)
Unit
Repetitive peak reverse voltage
VRRM
45
60
80
100
V
RMS reverse voltage
VRMS
32
42
57
70
V
DC blocking voltage
VDC
45
60
80
100
V
Continuous forward current
TC ≤ 110
oC
IF
35
35
35
35
A
Surge non-repetitive forward
current, half-sine wave
TC = 25
oC
IFSM
600
600
600
600
A
Forward voltage
IF = 35 A
TJ = 25
oC
VF
0.68
0.75
0.84
0.84
V
Reverse current
VR = 20V,
TJ = 25
oC
IR
1.5
1.5
1.5
1.5
mA
VR = 20V,
TJ = 125
oC
25
25
25
25
Thermal & Mechanical Specifications (TJ = 25
oC, unless otherwise noted)
Parameters
Symbol
MBR3545(R)
MBR3560(R)
MBR3580(R)
MBR35100(R)
Unit
Maximum thermal resistance, junction to
case
Rth(JC)
1.5
oC/
W
Operating junction temperature range
TJ
-55 to 150
oC
Storage temperature
Tstg
-55 to 175
oC
Mounting torque (non-lubricated threads)
F
2.0
Nm
Approximate allowable weight
W
5.0
g
DO-203AA (DO-4)


Similar Part No. - MBR3545R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR3545R TEL-MBR3545R Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
logo
GeneSiC Semiconductor, ...
MBR3545R GENESIC-MBR3545R Datasheet
799Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - MBR3545R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR35A WTE-AR35A Datasheet
52Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
logo
Won-Top Electronics
C35A WTE-C35A_06 Datasheet
42Kb / 2P
35A AUTOMOTIVE CELL DIODE
logo
Naina Semiconductor ltd...
MBR3520 NAINA-MBR3520 Datasheet
123Kb / 2P
Schottky Power Diode, 35A
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
35A AUTOMOTIVE BUTTON DIODE
logo
Naina Semiconductor ltd...
1N1183 NAINA-1N1183 Datasheet
559Kb / 2P
Standard Recovery Diode, 35A
1N3765 NAINA-1N3765 Datasheet
556Kb / 2P
Standard Recovery Diode, 35A
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Silicon Supplies
SIS650S35AS SS-SIS650S35AS Datasheet
1Mb / 3P
650V 35A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com