Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3418 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3418
Description  1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3418 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3418 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418
Aug. 2012
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
2
1
2
34
5
EN
GND
SW
FB
VIN
Pin Configuration
K Package
(SOT-23-5)
Figure 2. Pin Configuration of AP3418 (Top View)
Pin Description
Pin Number
Pin Name
Function
1
EN
Control input pin. Forcing this pin above 1.5V enables the IC.
Forcing this pin below 0.4V shuts down the IC. When the IC is
in shutdown mode, all functions are disabled to decrease the
supply current below 1
µA
2
GND
Ground pin
3
SW
Power switch output pin. Inductor connection to drain of the
internal PFET and NFET switches
4
VIN
Supply input pin. Bypass to GND with a 4.7
µF or greater
ceramic capacitor
5
FB
This is the feedback pin of the device. Connect this pin directly
to the output if the fixed output voltage version is used. For the
adjustable version, an external resistor divider is connected to
this pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com