Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC2005 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC2005
Description  256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2005 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC2005 Datasheet HTML 1Page - Motorola, Inc MPC2005 Datasheet HTML 2Page - Motorola, Inc MPC2005 Datasheet HTML 3Page - Motorola, Inc MPC2005 Datasheet HTML 4Page - Motorola, Inc MPC2005 Datasheet HTML 5Page - Motorola, Inc MPC2005 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPC2004
•MPC2005
6–4
MOTOROLA FAST SRAM
MPC2005 (64K x 72) BurstRAM MODULE BLOCK DIAGRAM
LW
MCM67M618
A14 – A0
BAA
K
G
E
DQ0 – DQ7
A14 – A28
STANDBY
15
DQ8
UW
TSC
DQ9 – DQ16
DQ17
SRAMCNTEN0
SRAMADS0
CLK0
SRAMOE0
DH0 – DH7
DP0
DH8 – DH15
DP1
SRAMWE1
8
8
TSP
VCC5
SRAMWE0
’FCT
244
LW
MCM67M618
A14 – A0
BAA
K
G
E
DQ0 – DQ7
DQ8
UW
TSC
DQ9 – DQ16
DQ17
DH16 – DH23
DP2
DH24 – DH31
DP3
SRAMWE3
8
8
TSP
VCC5
SRAMWE2
LW
MCM67M618
A14 – A0
BAA
K
G
E
DQ0 – DQ7
15
DQ8
UW
TSC
DQ9 – DQ16
DQ17
DL0 – DL7
DP4
DL8 – DL15
DP5
SRAMWE5
8
8
TSP
VCC5
SRAMWE4
LW
MCM67M618
A14 – A0
BAA
K
G
E
DQ0 – DQ7
DQ8
UW
TSC
DQ9 – DQ16
DQ17
DL16 – DL23
DP6
DL24 – DL31
DP7
SRAMWE7
8
8
TSP
VCC5
SRAMWE6
MATCH
16K x 12 TAG
A13 – A0
PWRDN
WESTAT, WETAG
RESET
DIRTYIN
VALIDIN
A13 – A26
DIRTYIN
14
CLK
TAG 0 – TAG 11
A0 – A11
TAGWE
TAGCLR
TAG VALID
CLK2
TAG MATCH
CLK1
OESTAT, OETAG
TAGOE
DIRTYOUT
DIRTYOUT
’F04
PD3
PD2 – NC
PD1
PD0 – NC
A15
A15
A15
A15
A13
VCCQ
VCC3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com