Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP2a-DC3V Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DSP2a-DC3V
Description  8 A MINIATURE POWER RELAY IN DS RELAY SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSP2a-DC3V Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DSP2a-DC3V Datasheet HTML 1Page - List of Unclassifed Manufacturers DSP2a-DC3V Datasheet HTML 2Page - List of Unclassifed Manufacturers DSP2a-DC3V Datasheet HTML 3Page - List of Unclassifed Manufacturers DSP2a-DC3V Datasheet HTML 4Page - List of Unclassifed Manufacturers DSP2a-DC3V Datasheet HTML 5Page - List of Unclassifed Manufacturers DSP2a-DC3V Datasheet HTML 6Page - List of Unclassifed Manufacturers DSP2a-DC3V Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS-P
DIMENSIONS (Unit: mm inch)
1. 1 Form A type
External dimensions
Single side stable
2 coil latching
General tolerance:
±0.3 ±.012
0.8
0.8
0.3
10.0 10.5
3.5
1.0
20.2
7.62
7.2
1.21
10.16
0.8
0.8
0.3
10.0 10.5
3.5
1.0
1.0
20.2
7.62
7.62
7.2
1.21
2.54
0.3
11.0
7.62
.031
.012
.394 .413
.138
.039
.795
.300
.283
.048
.400
.031
.012
.394 .413
.138
.039
.039
.795
.300
.300
.283
.048
.012
.433
.300
1
3
0
.
1
3
0
.
.100
PC board pattern (Bottom view)
Single side stable
2 coil latching
Tolerance:
±0.1 ±.004
2.54
4-1.2 dia.
2.54
4-.047 dia.
.100
.100
2.54
6-1.2 dia.
2.54
6-.047 dia.
.100
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
–
16
5
8
1
+
–
16
5
2
+
–
15
2. 1 Form A 1 Form B type
External dimensions
Single side stable
2 coil latching
General tolerance:
±0.3 ±.012
0.8
0.8
0.3
10.0 10.5
3.5
1.0
20.2
7.62
7.2
1.21
10.16
0.8
0.8
0.3
10.0 10.5
3.5
1.0
1.0
20.2
7.62
7.62
7.2
1.21
2.54
0.3
11.0
7.62
1
3
0
.
1
3
0
.
.100
.031
.012
.394 .413
.138
.039
.795
.300
.283
.048
.400
.031
.012
.394 .413
.138
.039
.039
.795
.300
.300
.283
.048
.012
.433
.300
PC board pattern (Bottom view)
Single side stable
2 coil latching
Tolerance:
±0.1 ±.004
6-1.2 dia.
2.54
×3
2.54
×3
2.54
×4
6-.047 dia.
.100
×3
.100
×4
.100
×3
8-1.2 dia.
2.54
×3 2.54×3
2.54
×3
2.54
8-.047 dia.
.100
×3
.100
×3 .100×3
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
–
16
5
9
12
1
+
–
16
2
+
–
15
8
5
9
12
3. 2 Form A type
External dimensions
Single side stable
2 coil latching
General tolerance:
±0.3 ±.012
0.8
0.8
0.3
10.0 10.5
3.5
1.0
20.2
7.62
7.2
1.21
10.16
0.8
0.8
0.3
10.0 10.5
3.5
1.0
1.0
20.2
7.62
7.62
7.2
1.21
2.54
0.3
11.0
7.62
1
3
0
.
1
3
0
.
.100
.031
.012
.394 .413
.138
.039
.795
.300
.283
.048
.400
.031
.012
.394 .413
.138
.039
.039
.795
.300
.300
.283
.048
.012
.433
.300
PC board pattern (Bottom view)
Single side stable
2 coil latching
Tolerance:
±0.1 ±.004
6-1.2 dia.
2.54
×3
2.54
×3
2.54
×4
6-.047 dia.
.100
×3
.100
×4
.100
×3
8-1.2 dia.
2.54
×3 2.54×3
2.54
×3
2.54
8-.047 dia.
.100
×3
.100
×3 .100×3
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
–
16
5
9
12
1
+
–
16
2
+
–
15
8
5
9
12
All Rights Reserved © C
OPYRIGHT
Panasonic Electric Works, Ltd.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com