Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC2105C Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC2105C
Description  512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2105C Datasheet(HTML) 2 Page - Motorola, Inc

  MPC2105C Datasheet HTML 1Page - Motorola, Inc MPC2105C Datasheet HTML 2Page - Motorola, Inc MPC2105C Datasheet HTML 3Page - Motorola, Inc MPC2105C Datasheet HTML 4Page - Motorola, Inc MPC2105C Datasheet HTML 5Page - Motorola, Inc MPC2105C Datasheet HTML 6Page - Motorola, Inc MPC2105C Datasheet HTML 7Page - Motorola, Inc MPC2105C Datasheet HTML 8Page - Motorola, Inc MPC2105C Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MPC2105C
•MPC2106C
2
MOTOROLA FAST SRAM
A0
= NC
CLK3
= NC
CLK4
= NC
ALE
= NC
ADS1
= NC
CNTEN1
= NC
CG1
= NC
ADDR0
= NC
ADDR1
= NC
DH24 – DH31 + DP3
CLK1
DL16 – DL23 + DP6
DL24 – DL31 + DP7
Note: BA28 is tied to SA0 on SRAM;
BA27 is tied to SA1 on SRAM;
STANDBY is tied to SE3 on SRAM.
69F618CTQ
G
SE1
ADSC
CG0
SA
ADV
ADS0
CWE1
CLK0
DH0 – DH7 + DP0
DH8 – DH15 + DP1
CWE0
CNTEN0
CWE2
CLK0
DH16 – DH23 + DP2
CWE3
K
DQB
DQA
CWE4
SBB
SBA
CLK1
DL0 – DL7 + DP4
DL8 – DL15 + DP5
CWE5
CWE6
CWE7
VSS
K
DQB
DQA
SBB
SBA
K
DQB
DQA
SBB
SBA
K
DQB
DQA
SBB
SBA
69F618CTQ
69F618CTQ
69F618CTQ
G
SE1
ADSC
SA
ADV
G
SE1
ADSC
SA
ADV
G
SE1
ADSC
SA
ADV
’244
A13 – A28
BA13 – BA28
PD3
PD2
PD1
PD0
J2
J0
J3
A13 – A26
A1 – A12
TCLR
TWE
CLK2
MATCH
VALIDIN
DIRTYIN
TG
TAG: 16K x 12 + V + D
A0 – A13
RESET
TAG0 –11
TAH, TAG, TAD
SFUNC, SG
SW
TW
K
VALIDD
DIRTYD
TG
TT1, WTD, E1
E2, PWRDN
VSS
VCC via 100 Ω
WTQ
TA, VALIDQ
VCCQ
VDD
NC
MATCH
DIRTYOUT
DIRTYQ
SE2
SGW
ADSP
SW
ZZ
SRAM TIE OFF
J1
VCC
VCC
VDD
MPC2105C BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com