Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC2605 Datasheet(PDF) 21 Page - Motorola, Inc

Part # MPC2605
Description  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MPC2605 Datasheet HTML 17Page - Motorola, Inc MPC2605 Datasheet HTML 18Page - Motorola, Inc MPC2605 Datasheet HTML 19Page - Motorola, Inc MPC2605 Datasheet HTML 20Page - Motorola, Inc MPC2605 Datasheet HTML 21Page - Motorola, Inc MPC2605 Datasheet HTML 22Page - Motorola, Inc MPC2605 Datasheet HTML 23Page - Motorola, Inc MPC2605 Datasheet HTML 24Page - Motorola, Inc MPC2605 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MPC2605
21
MOTOROLA
READ/WRITE SNOOP HIT (DIRTY L2 LINE)
Figure 7 is an illustration of a read or write snoop to a
cache line that is dirty in the L2, but is not dirty in the
processor’s cache. When a snoop hits a dirty line, the
MPC2605 will assert ARTRY through the cycle following the
assertion of AACK. This cycle is called the ARTRY window.
Note that the MPC2605 also asserts L2 BR at the same time
it asserts ARTRY. Because the snoop could also have hit a
dirty line in the processor’s cache, the MPC2605 samples
the processor’s BR signal the cycle following the ARTRY
window. This cycle is called the BR window. If the
processor’s BR signal is not asserted, the MPC2605 will start
sampling L2 BG, the cycle after the BR window.
Note that the MPC2605 cannot do a 2–1–1–1 copy back
burst. The earliest that it can handle the first assertion of TA
is two cycles after its assertion of TS.
CLK
CPU BR
L2 BR
L2 BG
TS
A0 – A31
L2 CLAIM
AACK
CPU DBG
L2 DBG
DBB
TA
DH0 – DH31,
DL0 – DL31
CPU BG
AA
A
ARTRY
A1
A2
A3
A4
12
3
4
56
7
8
9
10
11
12
Signal driven to the MPC2605
Signal driven by the MPC2605
High–Z
LEGEND
Figure 7. Read or Write Snoop Hit to Dirty L2 Cache Line and Clean Processor Cache Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com