Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD10P6F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD10P6F6
Description  P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10P6F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STD10P6F6 Datasheet HTML 1Page - STMicroelectronics STD10P6F6 Datasheet HTML 2Page - STMicroelectronics STD10P6F6 Datasheet HTML 3Page - STMicroelectronics STD10P6F6 Datasheet HTML 4Page - STMicroelectronics STD10P6F6 Datasheet HTML 5Page - STMicroelectronics STD10P6F6 Datasheet HTML 6Page - STMicroelectronics STD10P6F6 Datasheet HTML 7Page - STMicroelectronics STD10P6F6 Datasheet HTML 8Page - STMicroelectronics STD10P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STD10P6F6, STP10P6F6
Electrical ratings
Doc ID 022967 Rev 2
3/15
1
Electrical ratings
Warning:
For the P-channel Power MOSFET the actual polarity of the
voltages and the current must be reversed.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Limited by wire bonding
Drain current (continuous) at TC = 25 °C
10
A
ID
Drain current (continuous) at TC = 100 °C
7.2
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
40
A
PTOT
Total dissipation at TC = 25 °C
35
W
Derating factor
0.23
W/°C
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220
Rthj-case
Thermal resistance junction-case max
4.29
°C/W
Rthj-amb
Thermal resistance junction-ambient max
100
62.5
°C/W
Tl
Maximum lead temperature for soldering purpose
275
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com