Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0630 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0630
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0630 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0630 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Propagation Delay, Pulse-Width Distortion and Propagation
Delay Skew
Propagation delay is a figure of merit which describes
how quickly a logic signal propagates through a sys-
tem. The propagation delay from low to high (t
PLH
) is the
amount of time required for an input signal to propagate
to the output, causing the output to change from low to
high. Similarly, the propagation delay from high to low
(t
PHL
) is the amount of time required for the input signal
to propagate to the output causing the output to change
from high to low (see Figure 8).
Pulse-width distortion (PWD) results when t
PLH
and t
PHL
differ in value. PWD is defined as the difference be-
tween t
PLH
and t
PHL
and often determines the maximum
data rate capability of a transmission system. PWD can
be expressed in percent by dividing the PWD (in ns) by
the minimum pulse width (in ns) being transmitted. Typi-
cally, PWD on the order of 20-30% of the minimum pulse
width is tolerable; the exact figure depends on the par-
ticular application (RS232, RS422, T-l, etc.).
Propagation delay skew, t
PSK
, is an important parameter to
consider in parallel data applications where synchroniza-
tion of signals on parallel data lines is a concern. If the
parallel data is being sent through a group of optocou-
plers, differences in propagation delays will cause the
data to arrive at the outputs of the optocouplers at differ-
ent times. If this difference in propagation delays is large
enough, it will determine the maximum rate at which
parallel data can be sent through the optocouplers.
Propagation delay skew is defined as the difference be-
tween the minimum and maximum propagation delays,
either t
PLH
or t
PHL
, for any given group of optocouplers
which are operating under the same conditions (i.e., the
same drive current, supply voltage, output load, and op-
erating temperature). As illustrated in Figure 19, if the in-
puts of a group of optocouplers are switched either ON
or OFF at the same time, t
PSK
is the difference between
the shortest propagation delay, either t
PLH
or t
PHL
, and the
longest propagation delay, either t
PLH
or t
PHL
.
As mentioned earlier, t
PSK
can determine the maximum
parallel data transmission rate. Figure 20 is the timing
diagram of a typical parallel data application with both
the clock and the data lines being sent through opto-
couplers. The figure shows data and clock signals at the
inputs and outputs of the optocouplers. To obtain the
maximum data transmission rate, both edges of the
clock signal are being used to clock the data; if only one
edge were used, the clock signal would need to be twice
as fast.
Propagation delay skew represents the uncertainty of
where an edge might be after being sent through an
optocoupler. Figure 20 shows that there will be uncer-
tainty in both the data and the clock lines. It is important
that these two areas of uncertainty not overlap, other-
wise the clock signal might arrive before all of the data
outputs have settled, or some of the data outputs may
start to change before the clock signal has arrived. From
these considerations, the absolute minimum pulse width
that can be sent through optocouplers in a parallel appli-
cation is twice t
PSK
. A cautious design should use a slightly
longer pulse width to ensure that any additional uncer-
tainty in the rest of the circuit does not cause a problem.
The t
PSK
specified optocouplers offer the advantages of
guaranteed specifications for propagation delays, pulse-
width distortion and propagation delay skew over the
recommended temperature, input current, and power
supply ranges.
Figure 19. Illustration of propagation delay skew - t
PSK.
Figure 20. Parallel data transmission example.
50%
1.5 V
I F
VO
50%
I F
VO
tPSK
1.5 V
DATA
t PSK
INPUTS
CLOCK
DATA
OUTPUTS
CLOCK
t PSK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com