Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C10C01 Datasheet(PDF) 39 Page - Honeywell Solid State Electronics Center

Part # UX30C10C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C10C01 Datasheet(HTML) 39 Page - Honeywell Solid State Electronics Center

Back Button UX30C10C01 Datasheet HTML 35Page - Honeywell Solid State Electronics Center UX30C10C01 Datasheet HTML 36Page - Honeywell Solid State Electronics Center UX30C10C01 Datasheet HTML 37Page - Honeywell Solid State Electronics Center UX30C10C01 Datasheet HTML 38Page - Honeywell Solid State Electronics Center UX30C10C01 Datasheet HTML 39Page - Honeywell Solid State Electronics Center UX30C10C01 Datasheet HTML 40Page - Honeywell Solid State Electronics Center UX30C10C01 Datasheet HTML 41Page - Honeywell Solid State Electronics Center UX30C10C01 Datasheet HTML 42Page - Honeywell Solid State Electronics Center UX30C10C01 Datasheet HTML 43Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
Position Sensors
HM Series
Miniature Hermetically Sealed Switches
18
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
FEATURES
Hermetically sealed per enclosure de-
sign symbol 5, MIL-S-8805
Power load switching capability up to 4
amperes, 28 VDC and 2 Amps 115 VAC,
400 Hz
Temperature tolerance from –85
°Fto
+250°F (–65°Cto +121°C)
High temperature construction for use
from –85
°Fto +500°F (–65°Cto
+260°C)
Variety of auxiliary actuators
Choice of terminal styles
Gold contacts for special applications
Military standard construction with list-
ings on the MIL-S-8805 qualified prod-
ucts list.
GENERAL INFORMATION
HM switches are not generally recom-
mended for 115 VAC, 60 Hz. If you have a
60 Hz application in the milliamp range,
contact our 800 number for special de-
sign variations that are available.
ELECTRICAL RATINGS
Circuitry
Electrical Rating Code
Single-Pole
H
1 amp res., 0.25 amp ind., 28 VDC.
Double-Throw
Single-Pole
I
2 amps res., 2 amps ind., 0.5 amps lamp load, 115 VAC,
Double-Throw
400 Hz.
4 amps res., 2 amps ind., 1 amp lamp load, 28 VDC
Single-Pole
J
1
⁄2 amp res., 1⁄4 amp ind. (sea level or 70,000 ft.),
Double-Throw
28 VDC
Single-Pole
K
3 amps res., 1 amp ind. (sea level or 70,000 ft.), 28 VDC
Double-Throw
1 amp res. or ind. (sea level), 115 VAC., 400 Hz.
Single-Pole
L
3 amp res., 1 amp ind., 28 VDC
Double-Throw
1 amp res., 1 amp ind., 115 VAC, 400 Hz.
APPLICATION NOTES
1. Honeywell does
not recommend the use of silver cadmium oxide switch con-
tacts in non-arcing loads. Non-arcing loads are generally loads less than 12 volts and/or 0.5
amp. Catalog listings in the 5, 6, 15, and 16HM Series use silver cadmium oxide contacts. If you
have specific questions, contact the MICRO SWITCH Application Center at 1-800-537-6945.
2. For applications involving non-arcing loads, catalog listings in the 9, 10, 19 and 20HM Series
are recommended.
3. The 1, 2, 5, and 6HM Series are recommended for use only in 3 to 4 amp range applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com