Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD315AI Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 2SD315AI
Description  Dual SCALE Driver Core for IGBTs and Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2SD315AI Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 2SD315AI Datasheet HTML 6Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 7Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 8Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 9Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 10Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 11Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 12Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 13Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SCALE Driver
2SD315AI Data Sheet
Page 10
INTELLIGENT POWER ELECTRONICS
Collector sense and dimensioning of Rth
The 2SD315AI dual driver has a collector-sense circuit to protect the power semicon-
ductors. It is shown in Fig. 4
Its basic operating mode can be obtained from the brochure entitled: “Description and
Application Manual for Scale Drivers”.
To correspond more effectively to the turn-on characteristic of the IGBTs, the SCALE
drivers do not use a static reference voltage to compare the voltage at the collector.
Instead, the reference is used as shown in Fig. 5.
In order to ensure that the 2SD315AI can be applied as universally as possible, the
components Ca (response time capacitor) and Rm (attenuation resistor) are not
integrated in the driver as shown in Fig. 4, but must be connected externally. Whereas
Ca can be matched to the specific application, a standard value of 180Ω is
recommended for Rm. The ground terminal of Ca should be connected to the COMx
pin.
Rm
180R
Ca
Cx
Rthx
Gx
Ex
Rthx
RGx
Dm
(2 x 1N4007)
SCALE Driver 2SD315A
150uA
1,4mA
OVERCURRENT
MEASURING
+VDD
+VDD
COMx
Fig. 4 Collector-sense circuit principle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com