Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103xC Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F103xC
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103xC Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F103xC Datasheet HTML 76Page - STMicroelectronics STM32F103xC Datasheet HTML 77Page - STMicroelectronics STM32F103xC Datasheet HTML 78Page - STMicroelectronics STM32F103xC Datasheet HTML 79Page - STMicroelectronics STM32F103xC Datasheet HTML 80Page - STMicroelectronics STM32F103xC Datasheet HTML 81Page - STMicroelectronics STM32F103xC Datasheet HTML 82Page - STMicroelectronics STM32F103xC Datasheet HTML 83Page - STMicroelectronics STM32F103xC Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 130 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
80/130
Doc ID 14611 Rev 8
NAND controller waveforms and timings
Figure 38 through Figure 41 represent synchronous waveforms and Table 40 provides the
corresponding timings. The results shown in this table are obtained with the following FSMC
configuration:
●
COM.FSMC_SetupTime = 0x01;
●
COM.FSMC_WaitSetupTime = 0x03;
●
COM.FSMC_HoldSetupTime = 0x02;
●
COM.FSMC_HiZSetupTime = 0x01;
●
ATT.FSMC_SetupTime = 0x01;
●
ATT.FSMC_WaitSetupTime = 0x03;
●
ATT.FSMC_HoldSetupTime = 0x02;
●
ATT.FSMC_HiZSetupTime = 0x01;
●
Bank = FSMC_Bank_NAND;
●
MemoryDataWidth = FSMC_MemoryDataWidth_16b;
●
ECC = FSMC_ECC_Enable;
●
ECCPageSize = FSMC_ECCPageSize_512Bytes;
●
TCLRSetupTime = 0;
●
TARSetupTime = 0;
tw(NIOWR)
FSMC_NIOWR low width
8tHCLK + 3
ns
tv(NIOWR-D)
FSMC_NIOWR low to FSMC_D[15:0] valid
5tHCLK +1
ns
th(NIOWR-D)
FSMC_NIOWR high to FSMC_D[15:0] invalid
11tHCLK
ns
td(NCE4_1-NIOWR) FSMC_NCE4_1 low to FSMC_NIOWR valid
5tHCLK+3ns
ns
th(NCEx-NIOWR)
th(NCE4_1-NIOWR)
FSMC_NCEx high to FSMC_NIOWR invalid
FSMC_NCE4_1 high to FSMC_NIOWR invalid
5tHCLK – 5
ns
td(NIORD-NCEx)
td(NIORD-NCE4_1)
FSMC_NCEx low to FSMC_NIORD valid FSMC_NCE4_1
low to FSMC_NIORD valid
5tHCLK + 2.5
ns
th(NCEx-NIORD)
th(NCE4_1-NIORD)
FSMC_NCEx high to FSMC_NIORD invalid
FSMC_NCE4_1 high to FSMC_NIORD invalid
5tHCLK – 5
ns
tsu(D-NIORD)
FSMC_D[15:0] valid before FSMC_NIORD high
4.5
ns
td(NIORD-D)
FSMC_D[15:0] valid after FSMC_NIORD high
9
ns
tw(NIORD)
FSMC_NIORD low width
8tHCLK + 2
ns
1.
CL = 15 pF.
2.
Based on characterization, not tested in production.
Table 39.
Switching characteristics for PC Card/CF read and write cycles(1)(2) (continued)
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com