Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25C200 Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
10
Manufacturer and Device Identification
OP Code
MF7-MF0
ID15-ID0
ID7-DO
ABh
x
x
11h
90h
A1h
x
11h
9Fh
A1h
3112h
x
Standard SPI Instructions Set
(1)
Instruction Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Clock number
(0-7)
(8-15)
(16-23)
(24-31)
(32-39)
(40-47)
Write enable
06h
Write disable
04h
Read status register
05h
(S7-S0)
(2)
Write status Register
01h
(S7-S0)
(S15-S8)
Page program
02h
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
(3)
Sector erase (4KB)
20h
A23-A16
A15-A8
A7-A0
Block erase (64KB)
D8h
A23-A16
A15-A8
A7-A0
Chip erase
C7h/60h
Power-down
B9h
Read data
03h
A23-A16
A15-A8
A7-A0
D7-D0
Fast read
0Bh
A23-A16
A15-A8
A7-A0
dummy
D7-D0
Release
powerdown/ID
(4)
ABh
dummy
dummy
dummy
ID7-D0
(2)
Manufacturer/Device
ID
(4)
90h
dummy
dummy
00h
(MF7-MF0)
(ID7-D0)
JEDEC ID
(4)
9Fh
(MF7-MF0)
Manufacturer
(ID15-ID8)
Memory
Type
(ID7-D0)
Capacity
Enter OTP mode
3Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com