Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25C400 Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE25C400
Description  4MB Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C400 Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE25C400 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 18Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
ACE25C400
4MB Serial Flash Memory
VER 1.2
14
Fast Read (0Bh)
The Fast Read instruction is similar to the Read Data instruction except that it can operate at the
highest possible frequency of FR (see “12.6 AC Electrical Characteristics”). This is accomplished by
adding eight “dummy” clocks after the 24-bit address as shown in Figure 10. The dummy clocks allow
the devices internal circuits additional time for setting up the initial address. During the dummy clocks
the data value on the DO pin is a “don’t care”.
Figure 10 Fast read instruction
Fast Read Dual Output (3Bh)
The Fast Read Dual Output (3Bh) instruction is similar to the standard Fast Read (0Bh) instruction
except that data is output on two pins; DQ0 and DQ1. This allows data to be transferred from the
ACE25C400 at twice the rate of standard SPI devices. The Fast Read Dual Output instru ction is ideal
for quickly downloading code from Flash to RAM upon power-up or for applications that cache
code-segments to RAM for execution.
Similar to the Fast Read instruction, the Fast Read Dual Output instruction can operate at the
highest possible
frequency of FR (see “12.6 AC Electrical Characteristics”). This is accomplished by
adding eight “dummy” clocks after the 24-bit address as shown in Figure 11. The dummy clocks allow
the device's internal circuits additional time for setting up the initia l address. The input data during the
dummy clocks is “don’t care”. However, the DQ
0 pin should be high-impedance prior to the falling
edge of the first data out clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com