Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE708C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE708C
Description  0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE708C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE708C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE708C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE708C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE708C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE708C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE708C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE708C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE708C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE708C
0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
1
Description
The ACE708C is a step-up converter that provides a boosted output voltage from a low voltage source.
Because of its proprietary design, it starts up at a very low input voltage down to 850mV, and only
consume 15uA at standby, making it an ideal choice for single cell alkaline/NiMH battery operations.
A switching frequency of 1MHz minimizes solution footprint by allowing the use of tiny, low profile
inductors and ceramic capacitors. The current mode PWM design is internally compensated, reducing
external parts count.
Features
Up to 95% Efficiency
Typical 15uA standby current
1MHz Switching Frequency allows small inductor and output cap
Input boost-strapping allows using small or no input cap
Low Vin Start-up Voltage down to 850mV Ideal for Single Alkaline Cell operations
Maximum Output Current up to 300mA
Low Noise PWM control
Internally Compensated Current Mode Control
Internal Synchronous Rectifier
Logic Control Shutdown (I
Q<1uA)
Application
One to Three Cell Battery Operated Devices
Medical Instruments
Bluetooth Headsets
Flash-Based MP3 Players
Noise Canceling Headphones
Absolute Maximum Ratings
Parameter
Max
Unit
SW Voltage
-0.3~6
V
EN, FB, OUT Voltage
-0.3~6
V
Junction to Ambient Thermal Resistance
190
OC/ W
Maximum Power Dissipation
0.45
W
Operating Temperature Range
-40~150
OC
Storage Temperature
-55~150
OC
Note: Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE708C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708 Datasheet
184Kb / 8P
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
ACE708BN+H ACE-ACE708BN+H Datasheet
184Kb / 8P
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
ACE708BN+H ACE-ACE708BN+H Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
More results

Similar Description - ACE708C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708 Datasheet
184Kb / 8P
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8542B BELLING-BL8542B Datasheet
535Kb / 6P
0.85V startup, 1MHz, 300mA Iout, Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
ACE709G ACE-ACE709G Datasheet
687Kb / 11P
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8536 BELLING-BL8536 Datasheet
781Kb / 6P
0.9V Startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
logo
Shenzhen Huazhimei Semi...
HM6310 HMSEMI-HM6310 Datasheet
499Kb / 6P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
logo
AiT Semiconductor Inc.
A7534 AITSEMI-A7534 Datasheet
649Kb / 9P
DC-DC CONVERTER BOOST (STEP-UP) 0.9V STARTUP, 1MHz, 300mA IOUT, LOW IQ, SYNCHRONOUS
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com