Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE709 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE709
Description  0.9V startup, 1A True Shut-Off Synchronous Boost DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE709 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE709 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE709
0.9V startup, 1A True Shut-Off Synchronous Boost DC/DC Converter
VER 1.2
1
Description
ACE709, is a high-efficiency, synchronous step-up switching regulators optimized for battery-powered
applications. It supports up to 1A load current and allows the use of small, low cost inductors and MLCC
capacitors.
The ACE709 starts up as low as 0.9V input voltage and it has true-shutoff function (shut off output to zero
voltage when CE pulled low) and real output short-circuit protection. These features make it ideal for USB
interface power supply.
Given its high efficiency, the ACE709 device is ideal for small portable applications powered by battery. It
consumes as low as 40uA (3V input /3.3V output) at zero load. And its current consumption is less than
1uA in shutdown mode.
Features
Capable of Delivering 1A
High Efficiency: Up to 92%
Compatible with MLCC capacitor
1.8MHz Switching Frequency
Low dropout 100% Duty operation
0.6V Reference for Low Output voltages
True Shutoff and Short-Circuit Protection
Logic Control Shutdown (IQ<1uA)
Thermal shutdown and UVLO
Application
MID / Tablet PC
Portable Power Bank
Smartphone OTG
Toy
Other portable device
Absolute Maximum Ratings
Parameter
Max
Unit
Max Input Voltage
5.5
V
Max Operating Junction Temperature(TJ)
125
OC
Ambient Temperature(TA )
-40~85
OC
Maximum Power Dissipation
800
mW
Storage Temperature(Ts)
-55~150
OC
ESD (HBM)
>2000
V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE709

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE709G ACE-ACE709G Datasheet
687Kb / 11P
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
More results

Similar Description - ACE709

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE710 ACE-ACE710 Datasheet
628Kb / 8P
0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
SHANGHAI BELLING CO., L...
BL8541 BELLING-BL8541 Datasheet
806Kb / 6P
0.9V startup, 1A True Shut-Off Synchronous Boost DC-DC converter
BL8536 BELLING-BL8536 Datasheet
781Kb / 6P
0.9V Startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
logo
AiT Semiconductor Inc.
A7501 AITSEMI-A7501 Datasheet
830Kb / 12P
DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7534 AITSEMI-A7534 Datasheet
649Kb / 9P
DC-DC CONVERTER BOOST (STEP-UP) 0.9V STARTUP, 1MHz, 300mA IOUT, LOW IQ, SYNCHRONOUS
REV1.2
A7539 AITSEMI-A7539 Datasheet
1Mb / 10P
DC-DC CONVERTER BOOST (STEP-UP) 0.8V STARTUP, 1A PFM CONTROL SYNCHRONOUS
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com