Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4703 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE4703
Description  Fully 5A, 3cell Standalone Li-ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4703 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE4703 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ACE4703
Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
4
Ordering information
ACE4703 XX +
H
Electrical Characteristics
VCC=5V,TA=-40~85℃, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply Voltage
VCC
7.5
28
V
Undervoltage lockout Threshold
UVLO
4.2
6
7.3
V
Operating Current
IVCC
No switching
1.2
1.75
2.3
mA
Regulation Voltage
VREG
Constant voltage mode
12.474
12.6
12.726
V
Current Sense
VCS
VBAT>8.4V, VCSP-VBAT
190
200
210
mV
VBAT<8.4V, VCSP-VBAT
18
30
42
Current into BAT Pin
IBAT
Termination or Sleep
Mode
15
25
uA
Precharge Threshold
VPRE
VBAT rising
8.1
8.4
8.7
V
Precharge Threshold Hysteresis
HPRE
VBAT falling
0.3
V
Recharge Threshold
VRE
VBAT falling
12
V
Overvoltage Trip Level
Vov
VBAT rising
1.06
1.08
1.1
VREG
Overvoltage Clear Level
Vclr
VBAT falling
0.98
1
1.02
Temp Pin
Pull up Current
Iup
41
53
65
uA
High Threshold
Vthh
TEMP Voltage Rising
1.57
1.61
1.65
V
Low Threshold
Vthl
TEMP Voltage Falling
0.145
0.175
0.205
V
CHRG Pin
CHRG Pin Sink Current
ICHRG
VCHRG=1V, charge
mode
7
12
18
mA
CHRG Leakage Current
ILK1
VCHRG=25V, termination
mode
1
uA
DONE Pin
DONE Sink Current
IDONE
VDONE=1V, termination
mode
7
12
18
mA
DONE Leakage Current
ILK2
VDON=25V, charge
mode
1
uA
Pb - free
LM : TSSOP-16
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com