Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4704 Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE4704
Description  Fully 5A, 4cell Standalone Li-ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4704 Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE4704 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ACE4704
Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
7
End-of-Charge Current Setting
End-of-charge current can be set by connecting a resistor from EOC pin to GND, and is decided by the
following equation:
IEOC=1.278*(14,350+Rext) / RCS*10
6
Where:
I
EOC is the end-of-charge current in Ampere
Rext is the external resistance from EOC pin to GND in Ω. Rext can not be great than 100KΩ,
otherwise the charging may not be terminated correctly.
R
CS is the current sense resistance between CSP pin and BAT pin in Ω
It is our interest to calculate the ratio between IEOC and ICH:
When Rext=0Ω, the minimum I
EOC/ICH=9.17%
When Rext=100KΩ, the maximum I
EOC/ICH=73%
Automatic Battery Recharge
After the charge cycle is completed and both the battery and the input power supply (wall adapter) are
still Connected, a new charge cycle will begin if the battery voltage drops below 16V due to self-discharge
or external loading. This will keep the battery capacity at more than 80% at all times without manually
restarting the charge cycle.
Battery Temperature Monitoring
A negative temperature coefficient (NTC) thermistor located close to the battery pack can be used to
monitor battery temperature and will not allow charging unless the battery temperature is within an
acceptable range.
Connect a 10kΩ thermistor from the TEMP pin to ground. Internally, for hot
temperature, the low voltage threshold is set at 175mV which is equal to 50℃
(RNTC≈3.5kΩ). For cold
temperature, the high voltage threshold is set at 1.61V which is equal to 0℃
(RNTC≈32kΩ) with 50uA of
pull-up current.
Once the temperature is outside the window, the charge cycle will be suspended, and the charge cycle
resumes if the temperature is back to the acceptable range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com