Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4826B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4826B
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4826B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4826B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4826B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4826B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4826B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4826B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4826B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE4826B
Dual N-Channel Enhancement Mode MOSFET
VER 1.2
1
Description
This N-Channel enhancement mode power FETs are produced with high cell density, DMOS trench
technology, which is especially used to minimize on-state resistance. This device is suitable for use as a
load switch, power management in PWM controlled DC/DC Converter and push-pull DC/AC Inverter
Systems.
Features
V
DS 60V, VGS 20V, ID 5.5A
R
DS(ON)@10V, 30mΩ (typ.)
R
DS(ON)@4.5V, 35mΩ (typ.)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current - Continuous
ID
5.5
A
Total Power Dissipation (Note1,2)
PD
1
W
Operating and Storage Junction Temperature Range TJ/TSTG -55/150
OC
Note: 1. Surface Mounted on 1in pad area, t
≤10sec.
2. Rating for a single chip.
Packaging Type
SOP-8


Similar Part No. - ACE4826B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4835M ACE-ACE4835M Datasheet
485Kb / 7P
P-Channel 30-V MOSFET
VER 1.1
ACE4884 ACE-ACE4884 Datasheet
455Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE4826B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com