Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE8628B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE8628B
Description  Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE8628B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE8628B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE8628B
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
3
Note:
A. The value of R
θJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design. The current rating is based on the t ≤
10s thermal resistance rating.
B. Repetitive rating, pulse width limited by junction temperature.
C. The R
θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient .
D. The static characteristics are obtained using <300
μs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The SOA curve provides a single pulse rating.
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com