Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT_2X6_3X8 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT_2X6_3X8
Description  ACT 2x6 & 3x8 Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT_2X6_3X8 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT_2X6_3X8 Datasheet HTML 1Page - Advanced Crystal Technology ACT_2X6_3X8 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Example :
PE
0 0 0 0 3
G
I
- PF
(2x6)
(32.768kHz )
(±20ppm)
(-40+85)
(RoHS)
Package
L = Loose
- PF
N
6
M
7
L
8
Code ±ppm
K
9
A
5
J
10
C
10
H
12.5
G
20
N
50
P
100
B
-10+60
D
-20+70
I
-40+85
NOTES :
1)
2)
3)
Issue :13 C1b/M4E
Date :12-12-2012
http:www.actcrystals.com
Other Tolerances, CL's and other Operating Temperature Ranges may be available.
ISO9001 Registered
NB:
It is important to suffix
the above part number
with the full frequency
required to give a
completed part number
as illustrated below
ACT are always happy to consider truly custom specification parts which may require non-standard specification
parameters, specific testing, customer requested AQL requirements, non standard packaging or taping and reeling and
custom marking. ( MOQ DEPENDENT ) Such devices would normally be allocated a custom specification ( An ACT200A
device may have a part number such as EK00003C- C1101-PF)
Stability Over Operating Temperature (ºC) please refer to the data.
Operating
Temperature
Range (ºC)
Full Example Part Number
PE0003GZIHD-PF
32.768kHz
Tolerance
(±ppm)
@ 25ºC
PEH Only
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
Frequency
To 999.9999kHz
1st
five digits of
Frequency ( See
available frequency
range on data sheet. )
Load Capacitance
( pF or Series
Resonance)
RoHS
Comp'
Example
For quotations or further information please contact us at:
00003 = 32.768kHz
( Only 32.768kHz )
Comodity Code
854160 00 00
ACT 2x6 & 3x8 WATCH CRYSTALS ( 32.768kHz ) - PART NUMBERING & COMMODITY CODE
H
D
(12.5pF)
(3K Reel )
Device Series
Code
THROUGH HOLE
bLC series
1
C
2x6 = PE
3x8 = OJ
E series
4
HQM
2x6 = PEH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com