Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC905 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC905
Description  1:6 PCI CLOCK GENERATOR/ FANOUT BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC905 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC905 Datasheet HTML 1Page - Motorola, Inc MPC905 Datasheet HTML 2Page - Motorola, Inc MPC905 Datasheet HTML 3Page - Motorola, Inc MPC905 Datasheet HTML 4Page - Motorola, Inc MPC905 Datasheet HTML 5Page - Motorola, Inc MPC905 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPC903 MPC904 MPC905
MOTOROLA
TIMING SOLUTIONS
BR1333 — REV 5
4
BCLK0–4
BCLK5
ENABLE2
ENABLE1
Figure 3. Enable Timing Diagram
APPLICATIONS INFORMATION
Driving Transmission Lines
The MPC903/904/905 clock driver was designed to drive
high speed signals in a terminated transmission line
environment. To provide the optimum flexibility to the user the
output drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 10
Ω the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to application note AN1091 in the
Timing Solutions brochure (BR1333/D).
In most high performance clock networks point–to–point
distribution of signals is the method of choice. In a
point–to–point scheme either series terminated or parallel
terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a
50
Ω resistance to VCC/2. This technique draws a fairly high
level of DC current and thus only a single terminated line can
be driven by each output of the MPC903/904/905 clock
driver. For the series terminated case however there is no DC
current draw, thus the outputs can drive multiple series
terminated lines. Figure 4 illustrates an output driving a
single series terminated line vs two series terminated lines in
parallel. When taken to its extreme the fanout of the
MPC903/904/905 clock driver is effectively doubled due to its
capability to drive multiple lines.
Figure 4. Single versus Dual Transmission Lines
7
Ω
IN
MPC903
OUTPUT
BUFFER
RS = 43Ω
ZO = 50Ω
OutA
7
Ω
IN
MPC903
OUTPUT
BUFFER
RS = 43Ω
ZO = 50Ω
OutB0
RS = 43Ω
ZO = 50Ω
OutB1
The waveform plots of Figure 5 show the simulation
results of an output driving a single line vs two lines. In both
cases the drive capability of the MPC903/904/905 output
buffers is more than sufficient to drive 50
Ω transmission lines
on the incident edge. Note from the delay measurements in
the simulations a delta of only 43ps exists between the two
differently loaded outputs. This suggests that the dual line



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com