Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2208SMX-4 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT2208SMX-4
Description  extremely compact, high quality, low aging, seam welded crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT2208SMX-4 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT2208SMX-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT2208SMX-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT2208SMX-4
Example :
CAW
2400
E
F
G
D
(#)
- PF
ACT2208SMX-4
24MHz
(±10ppm)
(±10ppm)
(-20+70)
(3K Reel )
(RoHS)
E
10
G
20
F
Fundamental
I
30
- PF
G
-20+70
GO
8
JO
9
KO
10
Package
MO
11
L = Loose
OO
12
D =3K Reels
ZO
14
PO
15
F
10
RO
16
I
20
TO
18
K
30
VO
20
WO
22
AA
24
CA
27
DA
30
Others available
(8.0pF minimum)
NOTES :
1)
2)
( EG : A24MHz custom ACT2208SMX-4 device may have a part number such as CAW2400C- C1133-PF)
Issue 6 C1F
Date:19-3-13
NB:
It is important to
suffix the above
part number with
the full frequency
required to give a
completed part
number as
illustrated below
59.9999MHz = 5999
24.000MHz = 2400
ACT are always happy to consider truly custom specification parts which may require non-standard
specification parameters, specific testing, customer requested AQL requirements, non standard packaging or
taping and reeling and custom marking. Such devices would normally be allocated a custom specification part
number which is wholly customer specific.
(10pF)
RoHS
Comp'
CAW2400EFGKOFD - PF
24.00MHz
Full Example Part Number
Tighter Tolerances and Stabilities and other Operating Temperature Ranges may be available.
As each of these specification parameters impact on each other, it is not always
possible to combine all options in one device. Therefore, if a specification not catered for above is required,
please contact us directly for the relevant part number code(s).
Tighter aging may be
available please enquire.
Leave blank for standard
aging.`
Stability Over
Operating
Temperature (ºC)
(± ppm)
ISO9001 Registered
For quotations or further information please contact us at:
http:www.actcrystals.com
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
SERIES : ACT2208SMX-4 Part numbering code is CAW
Operating
Temperature
Range (ºC)
Mode
Frequency
To 99.9999MHz
1st four digits of
Frequency
KO
F
(Fund')
Tolerance (±ppm)
@ 25ºC
Examples
Load
Capacitance
( pF or Series
Resonance)
Commodity Code
854160 00 00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com