Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9890 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9890
Description  3M™ Thermally Conductive Adhesive Transfer Tapes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9890 Datasheet(HTML) 1 Page - 3M Electronics

  9890 Datasheet HTML 1Page - 3M Electronics 9890 Datasheet HTML 2Page - 3M Electronics 9890 Datasheet HTML 3Page - 3M Electronics 9890 Datasheet HTML 4Page - 3M Electronics 9890 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3M™ Thermally Conductive Adhesive Transfer Tapes
9882 • 9885 • 9890
Product Description
3M™ Thermally Conductive Adhesive Transfer Tapes 9882, 9885, and 9890 are designed to provide a preferential heat-
transfer path between heat-generating components and heat sinks or other cooling devices (e.g., fans, heat spreaders or
heat pipes).
• These tapes are pressure sensitive adhesives loaded with thermally conductive ceramic fillers. Pressure is needed to form
a bond. Heat and pressure may be needed on some substrates to achieve an acceptable bond.
• The specialized acrylic chemistry of these tapes provide for good thermal stability of the base polymer.
• The thermally conductive tapes are on a silicone treated polyester release liner for ease of handling and die cutting.
• The tapes offer both good thermal conductivity and good electrical insulation properties.
• Tapes 9882, 9885, and 9890 provide best adhesion results when used with high surface energy substrates. If using low
surface energy material, 3M™ Thermally Conductive Adhesive Transfer Tapes 8805, 8810, 8815, or 8820 could provide
a higher adhesion bond and improved wet-out of the surface..
Product Construction
3M™ Thermally Conductive Adhesive Transfer Tapes
Product Number
9882
9885
9890
Color
Grey
Tape Type
Filled Acrylic Polymer
Tape Thickness
2 mils (0.05 mm)
5 mils (0.13 mm)
10 mils (0.25 mm)
Filler Type
Ceramic
Liner Type
Single Liner using Silicone-Treated Polyester
Liner Thickness
2 mil (50 µm)
3
Technical Data
September, 2010


Similar Part No. - 9890

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9890 BELDEN-9890 Datasheet
146Kb / 2P
Electronic, 10 C #20 Sol TC, PO Ins, OS, PO Jkt
05-05-2023
9890-0101000 BELDEN-9890-0101000 Datasheet
146Kb / 2P
Electronic, 10 C #20 Sol TC, PO Ins, OS, PO Jkt
05-05-2023
9890-010500 BELDEN-9890-010500 Datasheet
146Kb / 2P
Electronic, 10 C #20 Sol TC, PO Ins, OS, PO Jkt
05-05-2023
More results

Similar Description - 9890

ManufacturerPart #DatasheetDescription
logo
3M Electronics
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
VHB™ Adhesive Transfer Tapes with Adhesive 100MP
Apr-2005
8940 3M-8940 Datasheet
77Kb / 4P
3M™ Thermally Conductive Adhesive Tape 8940 / 8943
04-Nov-2007
TC-2707 3M-TC-2707 Datasheet
239Kb / 4P
3M™ Thermally Conductive Epoxy Adhesive TC-2707
Sep-2018
8805 3M-8805 Datasheet
175Kb / 7P
Thermally Conductive Adhesive Transfer Tapes
Jul-2015
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
966 3M-966 Datasheet
199Kb / 8P
3M??Adhesive Transfer Tape 966
9453FL 3M-9453FL Datasheet
136Kb / 6P
3M??Adhesive Transfer Tape 9453FL
9380 3M-9380 Datasheet
348Kb / 5P
3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
9379 3M-9379 Datasheet
348Kb / 5P
3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
TC-2810 3M-TC-2810 Datasheet
234Kb / 4P
3M??Thermally Conductive Epoxy Adhesive TC-2810
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com