Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8A6 Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # 8A6
Description  GENERAL PURPOSE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

8A6 Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  8A6 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd 8A6 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 8A05 THRU 8A10
MDD ELECTRONIC
10
20
100
AMBIENT TEMPERATURE /
NUMBER OF CYCLES AT 60HZ
225
0
1.0
2.0
125
150
175
200
25
50
75
100
4
2
200
0
800
12
Single Phase Half Wave 60HZ
10
600
Resistive or Inductive Load
8
6
400
INSTANTANEOUS FORWARD VOLTAGE / VOLTS
REVERSE VOLTAGE / VOLTS
FIG. 3 -- FORWARD CURRENT DERATING CURVE
FIG. 4 -- PEAK FORWARD SURGE CURRENT
Tj = 125
8.3 ms Single
Half Sing -Wave
1.0
10
100
1.2
1.4
1.6
1.8
0.4
0.6
0.8
1.0
4.0
Tj = 25
Pulse Width = 300 S
1.0
100
0.4
0.1
FIG. 1 -- TYPICAL FORWARD CHARACTERISTIC
FIG. 2 -- TYPICAL JUNCTION CAPACITANCE
10
1000
Tj = 25
10.0
0.04
0
1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com