Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC911 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC911
Description  LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC911 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC911 Datasheet HTML 1Page - Motorola, Inc MPC911 Datasheet HTML 2Page - Motorola, Inc MPC911 Datasheet HTML 3Page - Motorola, Inc MPC911 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPC911
MOTOROLA
TIMING SOLUTIONS
BR1333 — REV 5
2
LOGIC SYMBOL
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
Q8
Q8
0
1
HSTL_CLK
HSTL_CLK
PECL_CLK
PECL_CLK
CLK_Sel
HSTL DC CHARACTERISTICS
0
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
0.9
0.9
0.9
V
VOL
Output LOW Voltage
0.5
0.5
0.5
V
VIH
Input HIGH Voltage
Vref +
0.10
1.9
Vref +
0.10
1.9
Vref +
0.10
1.9
V
VIL
Input LOW Voltage
–0.3
Vref –
0.10
–0.3
Vref –
0.10
–0.3
Vref –
0.10
V
VX
Input Crossover Volt
0.68
0.9
0.68
0.9
0.68
0.9
V
Vref
Input Reference Volt
0.68
0.9
0.68
0.75
0.9
0.68
0.9
LV PECL DC CHARACTERISTICS
0
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VIH
Input HIGH Voltage1
2.135
2.420
2.135
2.420
2.135
2.420
V
VIL
Input LOW Voltage1
1.490
1.825
1.490
1.825
1.490
1.825
V
VCC
Power Supply Voltage
3.0
3.6
3.0
3.6
3.0
3.6
V
IIH
Input HIGH Current
150
150
150
µA
ICC
Power Supply Current
100
100
110
mA
1. These values are for VCC = 3.3V. Level Specifications will vary 1:1 with VCC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com