Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRIVE2 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # VDRIVE2
Description  an easy solution for adding a USB Flash disk interface to an existing product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE2 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  VDRIVE2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VDrive2 Vinculum VNC1L Module
Datasheet Version 0.99
© Future Technology Devices International Ltd. 2007
Page 
1.2 Features
�ses F.T.D.I.�s VNC1L em�edded ���� host controller I.C. device.
�ses F.T.D.I.�s VNC1L em�edded ���� host controller I.C. device.
���� ��� type soc�et to connect ���� Flash dis�.
���� ��� type soc�et to connect ���� Flash dis�.
Traffic indicator LED.
2 mm (0.08”) pitch 8 pin connector.
8-way header interconnect ca�le provided.
�nly �our signals to connect�� e�cluding power and ground.
�nly �our signals to connect�� e�cluding power and ground.
�umper selecta�le ���T or ��I inter�aces.
�umper selecta�le ���T or ��I inter�aces.
�ingle �V supply input.
�ingle �V supply input.
���� �inc����� �D��� fir���ar� and co����and ��t.
���� �inc����� �D��� fir���ar� and co����and ��t.
Enc�o��r� �ith �nap in p�ac� c�ip� a��o�� for �a�y front pan�� ��o�nting.
��rogra�� or �pdat� fir���ar� via �SB F�a�h di�k or via ��RT int�rfac�.
�NC1L fir���ar� progra����ing contro� pin� ��ROG# and RESET# bro�ght o�t onto int�rna� j���p�r int�rfac�
(only accessi�le on internal module �C��)
VDrive2 is a ��-�ree�� �oH� complaint development module.
Sch���atic��� and fir���ar� fi��� avai�ab�� for do�n�oad fro�� th�
Sch���atic��� and fir���ar� fi��� avai�ab�� for do�n�oad fro�� th� Vinculum we�site.
1. Introduction and Features
1.1 Introduction
The VDrive2 module provides an easy solution for adding a USB Flash disk interface to an existing product. Only four
signal lines plus 5V supply and ground are required to be connected. Using the Vinculum VDAP firmware the VNC1L’s
I/O interface can be selected between the serial UART or SPI using the on-board jumper pins. Not only is the
VDrive2 ideal for evaluation and development of VNC1L designs, but also its neat enclosure and attractive quantity
discount structure makes this module suitable for incorporation into finished product designs. The VDrive2 is ideal for
commercial products such as domestic goods, set top box, etc., as well as industrial products such as data loggers,
software upgradable products, etc.
The Vinculum VNC1L is the first of F.T.D.I.’s Vinculum family of Embedded SoC USB host controller integrated circuit
devices. Not only is it able to handle the USB Host Interface, and data transfer functions but owing to the inbuilt MCU
and embedded Flash memory, Vinculum can encapsulate the USB device classes as well. When interfacing to mass
storage devices such as USB Flash drives, Vinculum also transparently handles the FAT file structure communicating
via UART, SPI or parallel FIFO interfaces via a simple to implement command set. Vinculum provides a new cost
effective solution for providing USB Host capability into products that previously did not have the hardware resources
available.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com