Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFS6V Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # VFS6V
Description  EMIGUARDr(EMIFILr with Varistor Function)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS6V Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  VFS6V Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. VFS6V Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for EMIGUARDr (EMIFILr with Varistor Function) used for General Electronics equipment for your design.
2006.11.2
Minimum Quantity
Lead Type/Packaging
Minimum Order Quantity (order in sets only) (Pcs.)
VFS6V Series
Part Number
Ammo Pack
Bulk (Bag)
2000
250 Q55/T51
500 Q54/Q56/T41
ø320mm
Paper reel
—
T51B
U31A
Q55B
Q91J
Q92J
Q93J
VFS9
VFR3/VFS6
Incrimp
Straight
Code
Lead Type
25.0mm min.
18.5+/-1.0mm
25.0mm min.
20.0+/-1.0mm
16.5+/-1.0mm
18.5+/-1.0mm
Lead Length*
Bulk
Ammo Pack
Bulk
Paper Reel (ø320mm)
Packaging
Series
*Lead Distance between Reference and Bottom Planes except Bulk.
Noise Suppression Products/EMI Suppression Filters > EMIGUARDr(EMIFILr with Varistor Function) > Lead Type EMIGUARDr
I Packaging
Do not use products beyond the rated current and
rated voltage as this may create excessive heat
and deteriorate the insulation resistance.
I !Caution (Rating)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com