Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8505 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8505
Description  Lightweight Portable Field Service Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8505 Datasheet(HTML) 1 Page - 3M Electronics

  8505 Datasheet HTML 1Page - 3M Electronics 8505 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
53
For more product information, please visit www.3Mstatic.com
Workstation Products
3MPortable Field Service Kit Premium Performance
The Portable Field Service Kit 8505 is a small, lightweight kit that offers the
same level of static control as the full-sized 3MField Service Kit 8501, yet
is small enough to fit in a shirt pocket.
Custom logo imprinting on the worksurface is available.
3MPortable Field Service Kit 8505
Tested per ESD Association Standard 4.1 at 72OF, 50% RH using 3MTest Kit 701 for Static Control
Surfaces (Megohmmeter).
Properties
Typical Property
Value
Resistance:
1 x 106 ohm to 1 x 109 ohm
(Surface-to-ground)
Product No.
Description
8505
Lightweight Portable Field Service Kit
Kit contains:
• Static Dissipative Worksurface with Pocket
0.015 H x 15 W x 20 L in.
(0.34 mm x 38.1 cm x 51.0 cm)
• 3MAdjustable Wrist Band 2204
• Lightweight Coiled Ground Cords:
3MWrist Strap Ground Cord 2240, 5 ft. (1.5 m)
3MExtension Ground Cord 2243, 5 ft. (1.5 m)
3MWorksurface Ground Cord 3063, 5 ft. (1.5 m)
• 3MAlligator Clip 3038
3MField Service Kit Product Selection Guide
Features
Model
Page #
Premium
Portable, 22 in. x 24 in. (55.9 cm x 61.0 cm), static dissipative, red worksurface, includes 3MWrist Strap Monitor 725 and dual conductor
wrist strap
8507
pg. 54
Portable, 15 in. x 20 in. (38.1 cm x 50.8 cm), static dissipative, red, lightweight worksurface, includes adjustable fabric wrist strap and
grounding accessories
8505
pg. 53
Standard
Portable, 22 in. x 24 in. (55.9 cm x 61.0 cm), static dissipative, red worksurface, includes adjustable fabric wrist strap and grounding
accessories
8501
pg. 54
Economy
Portable, 24 in. x 24 in. (61.0 cm x 61.0 cm), static dissipative, red worksurface, includes adjustable fabric wrist strap and grounding
accessories, low cost
FSKL3RD
pg. 54
Field Service Kits
Sensitive microelectronic components can be damaged, even destroyed, by
one ever-present enemy — static electricity. Electronic equipment is especially
susceptible to static electricity during servicing.
Static dissipative products manufactured by 3M are designed to provide
protection at a variety of field service sites, from typical office environments to
remote telephone terminals. The standard field service kit quickly and reliably
removes any static charge on the technician and provides a durable, static-free
surface upon which to lay parts.
The lightweight version offers the same protection in a flexible, compact
package. The telephone terminal service kit is especially designed to be
installed at remote telephone switches or CEVs to provide convenient static
protection on-site.
Practicing proper static control in the field can save time, money and
aggravation for both your customers and your company. Enable your
technicians to do the job right the first time with a static dissipative portable
field service kit from 3M.


Similar Part No. - 8505

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
8505 TEKTRONIX-8505 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
logo
Heyco.
8505 HEYCO-8505 Datasheet
151Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
8505 HEYCO-8505 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
List of Unclassifed Man...
85050 ETC2-85050 Datasheet
313Kb / 1P
LTCC High Temperature Inductors 0.40x0.40 inch size
logo
Molex Electronics Ltd.
85050-0000 MOLEX9-85050-0000 Datasheet
136Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style Q/2 Reverse, 32 Circuits
More results

Similar Description - 8505

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6087 POMONA-6087 Datasheet
26Kb / 2P
Field Service Kit, Red, ESD
6088 POMONA-6088 Datasheet
62Kb / 2P
Field Service Kit, Red Large, ESD
logo
saftbatteries
ECMC2250 SAFT-ECMC2250 Datasheet
585Kb / 2P
Lightweight field charger Dependable performance
logo
List of Unclassifed Man...
FLUKE-115 ETC2-FLUKE-115 Datasheet
760Kb / 2P
Compact true-rms meter for field service technicians
logo
Schneider Electric
LV485500 SCHNEIDER-LV485500 Datasheet
89Kb / 2P
Service interface kit, Pact series circuit breakers
Apr 22, 2021
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
Lightweight Portable Amplification System
5/28/14
UB0020 ULTRALIFE-UB0020 Datasheet
610Kb / 2P
Rugged, portable electronic field equipment
Rev A
UBBL08-01 ULTRALIFE-UBBL08-01 Datasheet
221Kb / 2P
Rugged, portable electronic field equipment
Rev: E
UBBL08 ULTRALIFE-UBBL08 Datasheet
361Kb / 2P
Rugged, portable electronic field equipment
Rev: F
logo
Bertech.
FSK BERTECH-FSK Datasheet
177Kb / 1P
ESD Field Service Kits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com